Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM75B Datasheet(PDF) 1 Page - Texas Instruments |
|
LM75B Datasheet(HTML) 1 Page - Texas Instruments |
1 / 31 page +VS A0 A1 A2 SCL SDA O.S. GND 8 7 6 5 3 1 2 4 LM75 Address (Set as desired) To Processor Interrupt Line Interface 100 nF (typ) unless mounted close to processor O.S. set to active low IRUZLUH25¶GPXOWLSOH interrupt line Product Folder Sample & Buy Technical Documents Tools & Software Support & Community LM75B, LM75C SNIS153D – JULY 2009 – REVISED OCTOBER 2015 LM75x Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface 1 Features 3 Description The LM75B and LM75C are industry-standard digital 1 • No External Components Required temperature sensors with an integrated Sigma-Delta • Shutdown Mode to Minimize Power Consumption analog-to-digital converter and I2C interface. The • Up to Eight LM75s Can be Connected to a Single LM75 provides 9-bit digital temperature readings with Bus an accuracy of ±2°C from -25°C to 100°C and ±3°C over –55°C to 125°C. • Power Up Defaults Permit Stand-alone Operation as Thermostat Communication is accomplished over a 2-wire interface which operates up to 400kHz. The LM75 • UL Recognized Component (LM75B and LM75C) has three address pins, allowing up to eight LM75 • Key Specifications: devices to operate on the same 2-wire bus. The – Supply Voltage LM75 has a dedicated over-temperature output (O.S.) – LM75B, LM75C: 3 V to 5.5 V with programmable limit and hystersis. This output has programmable fault tolerance, which allows the – Supply Current user to define the number of consecutive error – Operating: 280 μA (typical) conditions that must occur before O.S. is activated. – Shutdown: 4 μA (typical) The wide temperature and supply range and I2C – Temperature Accuracy interface make the LM75 ideal for a number of – −25°C to 100°C: ±2°C (maximum) applications including base stations, electronic test equipment, office electronics, personal computers, – −55°C to 125°C: ±3°C (maximum) and any other system where thermal management is critical to performance. The LM75B and LM75C are 2 Applications available in an SOIC package or VSSOP package. • General System Thermal Management Device Information(1) • Communications Infrastructure PART NUMBER PACKAGE BODY SIZE (NOM) • Electronic Test Equipment SOIC (8) 4.90 mm x 3.91 mm • Environmental Monitoring LM75B VSSOP (8) 3.00 mm x 3.00 mm (1) For all available packages, see the orderable addendum at the end of the datasheet. Typical Application 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Número de pieza similar - LM75B_15 |
|
Descripción similar - LM75B_15 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |