Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM75BIM-3/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM75BIM-3/NOPB
Descripción Electrónicos  Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM75BIM-3/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM75BIM-3/NOPB Datasheet HTML 1Page - Texas Instruments LM75BIM-3/NOPB Datasheet HTML 2Page - Texas Instruments LM75BIM-3/NOPB Datasheet HTML 3Page - Texas Instruments LM75BIM-3/NOPB Datasheet HTML 4Page - Texas Instruments LM75BIM-3/NOPB Datasheet HTML 5Page - Texas Instruments LM75BIM-3/NOPB Datasheet HTML 6Page - Texas Instruments LM75BIM-3/NOPB Datasheet HTML 7Page - Texas Instruments LM75BIM-3/NOPB Datasheet HTML 8Page - Texas Instruments LM75BIM-3/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LM75B, LM75C
SNIS153D – JULY 2009 – REVISED OCTOBER 2015
www.ti.com
6.2 ESD Ratings
VALUE
UNIT
LM75B
Human-body model (HBM)
±2500
V(ESD)
Electrostatic discharge(1)
V
Machine model
±250
LM75C
Human-body model (HBM)
±1500
V(ESD)
Electrostatic discharge(1)
V
Machine Model
±100
(1)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin. The
Charged Device Model (CDM) is a specified circuit characterizing an ESD event that occurs when a device acquires charge through
some triboelectric (frictional) or electrostatic induction processes and then abruptly touches a grounded object or surface.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
TMIN
TMAX
Specified Temperature Range
–55
125
°C
Supply Voltage Range (+VS) LM75B, LM75C
3
5.5
V
(1)
Soldering process must comply with Texas Instruments Incorporated Reflow Temperature Profile specifications. Refer to
(2)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
6.4 Thermal Information
LM75B
THERMAL METRIC(1)
D (SOIC)
DGK (VSSOP)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
115.2
158.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
62.2
52.3
°C/W
RθJB
Junction-to-board thermal resistance
56.4
78.8
°C/W
ψJT
Junction-to-top characterization parameter
10.2
5.3
°C/W
ψJB
Junction-to-board characterization parameter
55.8
77.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM75B LM75C


Número de pieza similar - LM75BIM-3/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM75BIM-3/NOPB TI1-LM75BIM-3/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results

Descripción similar - LM75BIM-3/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G753 GMT-G753 Datasheet
33Kb / 1P
   High Accuracy Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com