Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM5104 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM5104
Descripción Electrónicos  High-Voltage Half-Bridge Gate Driver With Adaptive Delay
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM5104 Datasheet(HTML) 1 Page - Texas Instruments

  LM5104 Datasheet HTML 1Page - Texas Instruments LM5104 Datasheet HTML 2Page - Texas Instruments LM5104 Datasheet HTML 3Page - Texas Instruments LM5104 Datasheet HTML 4Page - Texas Instruments LM5104 Datasheet HTML 5Page - Texas Instruments LM5104 Datasheet HTML 6Page - Texas Instruments LM5104 Datasheet HTML 7Page - Texas Instruments LM5104 Datasheet HTML 8Page - Texas Instruments LM5104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LO
DRIVER
HO
DRIVER
UVLO
RT
UVLO
IN
VDD
HS
LEVEL
SHIFT
VSS
HV
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM5104
SNVS269D – JANUARY 2004 – REVISED DECEMBER 2014
LM5104 High-Voltage Half-Bridge Gate Driver With Adaptive Delay
1 Features
3 Description
The LM5104 High-Voltage Gate Driver is designed to
1
Drives Both a High-Side and Low-Side N-Channel
drive both the high-side and the low-side N-channel
MOSFET
MOSFETs in a synchronous buck configuration. The
Adaptive Rising and Falling Edges With
floating high-side driver can work with supply voltages
Programmable Additional Delay
up to 100 V. The high-side and low-side gate drivers
are controlled from a single input. Each change in
Single Input Control
state is controlled in an adaptive manner to prevent
Bootstrap Supply Voltage Range up to 118-V DC
shoot-through issues. In addition to the adaptive
Fast Turnoff Propagation Delay (25 ns Typical)
transition timing, an additional delay time can be
Drives 1000-pF Loads With 15-ns Rise and Fall
added, proportional to an external setting resistor. An
Times
integrated high-voltage diode is provided to charge
high-side gate drive bootstrap capacitor. A robust
Supply Rail Undervoltage Lockout
level shifter operates at high speed while consuming
SOIC and WSON-10 4-mm × 4-mm Package
low power and providing clean level transitions from
the
control
logic
to
the
high-side
gate
driver.
2 Applications
Undervoltage lockout is provided on both the low-side
and the high-side power rails. This device is available
Current Fed Push-Pull Power Converters
in the standard SOIC and the WSON packages.
High Voltage Buck Regulators
Active Clamp Forward Power Converters
Device Information(1)
Half-Bridge and Full-Bridge Converters
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOIC (8)
4.90 mm × 3.91 mm
LM5104
WSON (10)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - LM5104

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM5104 NSC-LM5104 Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5104M NSC-LM5104M Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5104MX NSC-LM5104MX Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5104SD NSC-LM5104SD Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5104SDX NSC-LM5104SDX Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
More results

Descripción similar - LM5104

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM5104 NSC-LM5104 Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
logo
Texas Instruments
SM74104 TI-SM74104 Datasheet
1Mb / 25P
[Old version datasheet]   SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
logo
National Semiconductor ...
LM5102 NSC-LM5102 Datasheet
368Kb / 13P
   High Voltage Half-Bridge Gate Driver with Programmable Delay
logo
Texas Instruments
LM5102MM TI1-LM5102MM Datasheet
958Kb / 19P
[Old version datasheet]   LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5102 TI-LM5102_15 Datasheet
957Kb / 22P
[Old version datasheet]   LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
logo
Intersil Corporation
HIP5500 INTERSIL-HIP5500 Datasheet
922Kb / 12P
   High Voltage IC Half Bridge Gate Driver
logo
Alpha & Omega Semicondu...
AGD8252B1 AOSMD-AGD8252B1 Datasheet
516Kb / 9P
   High Voltage Half-Bridge Gate Driver IC
Rev. 1.1 October 2018
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
   Triple half-bridge high-voltage gate driver
April 2021 Rev 2
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
   High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
   High Voltage 1A Peak Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com