Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM94021 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza LM94021
Descripción Electrónicos  LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM94021 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM94021_15 Datasheet HTML 6Page - Texas Instruments LM94021_15 Datasheet HTML 7Page - Texas Instruments LM94021_15 Datasheet HTML 8Page - Texas Instruments LM94021_15 Datasheet HTML 9Page - Texas Instruments LM94021_15 Datasheet HTML 10Page - Texas Instruments LM94021_15 Datasheet HTML 11Page - Texas Instruments LM94021_15 Datasheet HTML 12Page - Texas Instruments LM94021_15 Datasheet HTML 13Page - Texas Instruments LM94021_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LM94021
SNIS138E – FEBRUARY 2005 – REVISED JUNE 2013
www.ti.com
Table 2. LM94021 Transfer Table (continued)
TEMPERATURE
GS = 00
GS = 01
GS = 10
GS = 11
(°C)
(mV)
(mV)
(mV)
(mV)
35
843
1283
1723
2163
36
838
1275
1712
2149
37
832
1267
1701
2136
38
827
1258
1690
2122
39
821
1250
1679
2108
40
816
1242
1668
2095
41
810
1234
1657
2081
42
804
1225
1646
2067
43
799
1217
1635
2054
44
793
1209
1624
2040
45
788
1201
1613
2026
46
782
1192
1602
2012
47
777
1184
1591
1999
48
771
1176
1580
1985
49
766
1167
1569
1971
50
760
1159
1558
1958
51
754
1151
1547
1944
52
749
1143
1536
1930
53
743
1134
1525
1916
54
738
1126
1514
1902
55
732
1118
1503
1888
56
726
1109
1492
1875
57
721
1101
1481
1861
58
715
1093
1470
1847
59
710
1084
1459
1833
60
704
1076
1448
1819
61
698
1067
1436
1805
62
693
1059
1425
1791
63
687
1051
1414
1777
64
681
1042
1403
1763
65
676
1034
1391
1749
66
670
1025
1380
1735
67
664
1017
1369
1721
68
659
1008
1358
1707
69
653
1000
1346
1693
70
647
991
1335
1679
71
642
983
1324
1665
72
636
974
1313
1651
73
630
966
1301
1637
74
625
957
1290
1623
75
619
949
1279
1609
76
613
941
1268
1595
77
608
932
1257
1581
78
602
924
1245
1567
79
596
915
1234
1553
80
591
907
1223
1539
81
585
898
1212
1525
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM94021


Número de pieza similar - LM94021_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM94021-Q1 TI1-LM94021-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
logo
National Semiconductor ...
LM94021BIMG NSC-LM94021BIMG Datasheet
680Kb / 13P
   Multi-Gain Analog Temperature Sensor
logo
Texas Instruments
LM94021BIMG TI1-LM94021BIMG Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
LM94021BIMG/NOPB TI1-LM94021BIMG/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
logo
National Semiconductor ...
LM94021BIMGX NSC-LM94021BIMGX Datasheet
680Kb / 13P
   Multi-Gain Analog Temperature Sensor
More results

Descripción similar - LM94021_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
logo
National Semiconductor ...
LM94021 NSC-LM94021 Datasheet
680Kb / 13P
   Multi-Gain Analog Temperature Sensor
LM94022 NSC-LM94022 Datasheet
964Kb / 16P
   1.5V, SC70, Multi-Gain Analog Temperature Sensor with Class-AB Output
logo
Texas Instruments
LM94022 TI-LM94022_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.5-V, SC70, Multi-Gain Analog Temperature Sensor With Class-AB Output
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50_04 Datasheet
41Kb / 8P
   Analog Temperature Sensor
logo
Silicon Supplies
LM335A SS-LM335A Datasheet
1Mb / 10P
   Analog Temperature Sensor
LM135A SS-LM135A Datasheet
1Mb / 10P
   Analog Temperature Sensor
SIS60A SS-SIS60A Datasheet
544Kb / 6P
   Analog Temperature Sensor
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
   Analog Temperature Sensor
100906
logo
Silicon Supplies
LM135 SS-LM135 Datasheet
1Mb / 10P
   Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com