Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC898122XA Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza LC898122XA
Descripción Electrónicos  Optical Image Stabilization / Auto Focus Controller & Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898122XA Datasheet(HTML) 3 Page - ON Semiconductor

  LC898122XA Datasheet HTML 1Page - ON Semiconductor LC898122XA Datasheet HTML 2Page - ON Semiconductor LC898122XA Datasheet HTML 3Page - ON Semiconductor LC898122XA Datasheet HTML 4Page - ON Semiconductor LC898122XA Datasheet HTML 5Page - ON Semiconductor LC898122XA Datasheet HTML 6Page - ON Semiconductor LC898122XA Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LC898122XA
www.onsemi.com
3
H-Bridge
Driver
for OIS
I2C I/F
IOPORT
Control
12bit
ADC
OIS-Filter
Gyro-Filter
OIS&AF
PWM
Digial Gyro
I/F
(3wire or
4wire)
8bit DA
-+
-+
Hall-X
Hall-Y
IOP0
DGDATA
DGSCLK
DGSSB
VM
PGND
HLXBO
HLYBO
OPINPX
OPINMX
OPINPY
OPINMY
OUT1
OUT2
OUT3
OUT4
OSC
AVSS
I2CDT
I2CCK
Digial Gyro
IOP1
DVSS
DVDD30
AVDD30
IOP2
Power On
Reset
LDO
DVDD12
Sys_Reset
typ 1.2V
typ 48Mhz
AVDD30
AVDD30
-+
OPINPAF
OPINMAF
AF-Filter
OUT5
OUT6
OIS_X
AF
OIS_Y
HLAFBO
H-Bridge
/ConstantCurren
t Driver for AF
m
x
reg
m
x
reg
Sys CLK
Example of wiring diagram [Hall(OIS), Open AF] in LC898122XA


Número de pieza similar - LC898122XA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898122AXA-VH ONSEMI-LC898122AXA-VH Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
More results

Descripción similar - LC898122XA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC898123AXD ONSEMI-LC898123AXD Datasheet
217Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
November 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898124EP1XC ONSEMI-LC898124EP1XC Datasheet
274Kb / 10P
   Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
July 2016 - Rev. P1
LC898123F40XC ONSEMI-LC898123F40XC Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) Auto Focus (AF) Controller & Driver with 40kB Flash Memory
August 2016 - Rev. 1
LC898113 ONSEMI-LC898113 Datasheet
182Kb / 7P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 1
LC898121XA ONSEMI-LC898121XA Datasheet
111Kb / 6P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 2
LC898119XC ONSEMI-LC898119XC Datasheet
63Kb / 5P
   Optical Image Stabilization / Controller & Driver
March 2015 - Rev. 1
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
   Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com