Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCH3377-TL-H Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MCH3377-TL-H
Descripción Electrónicos  P-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH3377-TL-H Datasheet(HTML) 1 Page - ON Semiconductor

  MCH3377-TL-H Datasheet HTML 1Page - ON Semiconductor MCH3377-TL-H Datasheet HTML 2Page - ON Semiconductor MCH3377-TL-H Datasheet HTML 3Page - ON Semiconductor MCH3377-TL-H Datasheet HTML 4Page - ON Semiconductor MCH3377-TL-H Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
32514HK TC-00002897/60612TKIM/N1407TIIM PE No. A0957-1/5
http://onsemi.com
Semiconductor Components Industries, LLC, 2014
March, 2014
MCH3377
P-Channel Power MOSFET
–20V, –3A, 83m, Single MCPH3
ORDERING INFORMATION
See detailed ordering and shipping information on page 2 of this data sheet.
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Features
Ultrahigh-spees switching.
1.8V drive
Halogen free compliance
Protection diode in
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--20
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
--3
A
Drain Current (Pulse)
IDP
PW
≤10μs, duty cycle≤1%
--12
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (900mm2
×0.8mm)
1
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7019A-003
Ordering number : ENA0957B
Product & Package Information
•Package
:MCPH3
•JEITA,JEDEC
:SC-70,SOT-323
•MinimumPackingQuantity :3,000pcs./reel
Packing Type : TL
Marking
Electrical Connection
1 : Gate
2 : Source
3 : Drain
MCPH3
2.0
0.65
0.3
0.15
12
3
0 to 0.02
QJ
TL
1
2
3
MCH3377-TL-E
MCH3377-TL-H
MCH3377-TL-W


Número de pieza similar - MCH3377-TL-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
MCH3377 SANYO-MCH3377 Datasheet
60Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3377 SANYO-MCH3377 Datasheet
207Kb / 7P
   General-Purpose Switching Device Applications
MCH3377 SANYO-MCH3377_12 Datasheet
207Kb / 7P
   General-Purpose Switching Device Applications
More results

Descripción similar - MCH3377-TL-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com