Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMSF3P03HD Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MMSF3P03HD
Descripción Electrónicos  P?묬hannel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF3P03HD Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MMSF3P03HD Datasheet HTML 2Page - ON Semiconductor MMSF3P03HD Datasheet HTML 3Page - ON Semiconductor MMSF3P03HD Datasheet HTML 4Page - ON Semiconductor MMSF3P03HD Datasheet HTML 5Page - ON Semiconductor MMSF3P03HD Datasheet HTML 6Page - ON Semiconductor MMSF3P03HD Datasheet HTML 7Page - ON Semiconductor MMSF3P03HD Datasheet HTML 8Page - ON Semiconductor MMSF3P03HD Datasheet HTML 9Page - ON Semiconductor MMSF3P03HD Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MMSF3P03HD
http://onsemi.com
6
0.5
0.6
0.7
1.3
0
1
2
2.5
3
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 10. Diode Forward Voltage versus Current
VGS = 0 V
TJ = 25°C
1.5
0.8
0.9
0.5
1
1.1
1.2
t, TIME
Figure 11. Reverse Recovery Time (trr)
di/dt = 300 A/
µs
Standard Cell Density
High Cell Density
tb
trr
ta
trr
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain−to−source voltage and
drain current that a transistor can handle safely when it is
forward biased. Curves are based upon maximum peak
junction temperature and a case temperature (TC) of 25°C.
Peak repetitive pulsed power limits are determined by using
the thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance −
General Data and Its Use.”
Switching between the off−state and the on−state may
traverse any load line provided neither rated peak current
(IDM) nor rated voltage (VDSS) is exceeded, and that the
transition time (tr, tf) does not exceed 10 µs. In addition the
total power averaged over a complete switching cycle must
not exceed (TJ(MAX) − TC)/(RθJC).
A power MOSFET designated E−FET can be safely used
in switching circuits with unclamped inductive loads. For
reliable operation, the stored energy from circuit inductance
dissipated in the transistor while in avalanche must be less
than the rated limit and must be adjusted for operating
conditions differing from those specified. Although industry
practice is to rate in terms of energy, avalanche energy
capability is not a constant. The energy rating decreases
non−linearly with an increase of peak current in avalanche
and peak junction temperature.
Although many E−FETs can withstand the stress of
drain−to−source avalanche at currents up to rated pulsed
current (IDM), the energy rating is specified at rated
continuous current (ID), in accordance with industry
custom. The energy rating must be derated for temperature
as shown in the accompanying graph (Figure 13). Maximum
energy at currents below rated continuous ID can safely be
assumed to equal the values indicated.


Número de pieza similar - MMSF3P03HD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MMSF3P03HD MOTOROLA-MMSF3P03HD Datasheet
316Kb / 10P
   SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
More results

Descripción similar - MMSF3P03HD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MTB23P06V ONSEMI-MTB23P06V Datasheet
263Kb / 10P
   P?묬hannel Power MOSFET
August, 2006 ??Rev. 3
MTP6P20E ONSEMI-MTP6P20E Datasheet
208Kb / 7P
   P?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTSF2P02HD ONSEMI-MTSF2P02HD Datasheet
284Kb / 12P
   P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTP30P06V ONSEMI-MTP30P06V Datasheet
210Kb / 7P
   P?묬hannel Power MOSFET
August, 2006 ??Rev. 6
MTSF1P02HD ONSEMI-MTSF1P02HD Datasheet
287Kb / 12P
   P?묬hannel Power MOSFET
February, 2005 ??Rev. XXX
MTP5P06V ONSEMI-MTP5P06V Datasheet
207Kb / 7P
   P?묬hannel Power MOSFET
August, 2006 ??Rev. 3
MTSF2P03HD ONSEMI-MTSF2P03HD Datasheet
288Kb / 12P
   P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTD20P03HDL ONSEMI-MTD20P03HDL Datasheet
94Kb / 9P
   P?묬hannel DPAK Power MOSFET
July, 2006 ??Rev. 7
NTLJS3A18PZ ONSEMI-NTLJS3A18PZ Datasheet
134Kb / 6P
   Single P?묬hannel Power MOSFET
November, 2012 ??Rev. 0
MTD20P06HDL ONSEMI-MTD20P06HDL Datasheet
91Kb / 8P
   P?묬hannel DPAK Power MOSFET
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com