Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS40WS-AU Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de pieza BAS40WS-AU
Descripción Electrónicos  SURFACE MOUNT SCHOTTKY DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS40WS-AU Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAS40WS-AU Datasheet HTML 1Page - Pan Jit International Inc. BAS40WS-AU Datasheet HTML 2Page - Pan Jit International Inc. BAS40WS-AU Datasheet HTML 3Page - Pan Jit International Inc. BAS40WS-AU Datasheet HTML 4Page - Pan Jit International Inc. BAS40WS-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
August 31,2015-REV.00
BAS40WS-AU
SURFACE MOUNT SCHOTTKY DIODES
VOLTAGE
40 Volt
0.2 Ampere
FEATURES
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
Electrical identical standard JEDEC
• High conductor
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. .
(Halogen Free)
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
MECHANICALDATA
• Case: SOD-323, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.00014 ounces, 0.0041 grams
• Polarity:Color band denotes cathode end
• Marking: S40
CURRENT
ABSOLUTE RATINGS (TA=25
oC unless otherwise noted)
THERMAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
1
2
Cathode
Anode
PA RA M E TE R
S YM B O L
VA L UE
UNITS
P o we r D i ssi p a ti o n
P
TO T
225
m W
Ther m a l Re si s t ance , J unc t i on t o A m bi ent
R
θJA
556
O C/W
O per at i ng Junc t i on Te m per at ur e and S tor age Te m per at ur e
T
J ,T STG
- 55 t o 150
O C
PA RA M E TE R
S YM B O L
L IM ITS
UNITS
Re ve r s e Vo ltage
V R
40
V
P eak Re ve r s e Vo lt age
V RRM
40
V
A ver age Re c t i f i ed C ur r ent at Te m p = 2 5 oCIF
0. 2
A
No n- r epet i ti ve P eak For war d S ur ge C ur r ent at t= 1m s
IFS M
4A
0.078(1.95)
0.068(1.75)
0.054(1.35)
0.045(1.15)
0.107(2.7)
0.090(2.3)
0.012(0.30)MIN.
0.006(0.15)
0.002(0.05)
0.014(0.35)
0.009(0.25)
0.036(0.90)
0.027(0.70)


Número de pieza similar - BAS40WS-AU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jiangsu Changjiang Elec...
BAS40WS-SOD-323 JIANGSU-BAS40WS-SOD-323 Datasheet
243Kb / 3P
   SCHOTTKY DIODE
logo
Won-Top Electronics
BAS40WS-T1 WTE-BAS40WS-T1 Datasheet
36Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Descripción similar - BAS40WS-AU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
MM18L WEITRON-MM18L Datasheet
210Kb / 3P
   Surface Mount Schottky Diodes
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com