Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD10H150CS Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de pieza BD10H150CS
Descripción Electrónicos  ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BD10H150CS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BD10H150CS Datasheet HTML 1Page - Pan Jit International Inc. BD10H150CS Datasheet HTML 2Page - Pan Jit International Inc. BD10H150CS Datasheet HTML 3Page - Pan Jit International Inc. BD10H150CS Datasheet HTML 4Page - Pan Jit International Inc. BD10H150CS Datasheet HTML 5Page - Pan Jit International Inc. BD10H150CS Datasheet HTML 6Page - Pan Jit International Inc. BD10H150CS Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PBD10H150CS \ MBR10H150CT \ MBR10H150FCT \ MBR10H150DC SERIES
January 6,2015-REV.00
Page 1
150V
TO-252
BD10H150CS
TO-220AB
MBR10H150CT
ITO-220AB
MBR10H150FCT
TO-263
MBR10H150DC
ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
Voltage
150 V
Current
10 A
TO-252
TO-220AB
ITO-220AB
TO-263
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
Low power loss, high efficiency.
High current capability
High junction temperature capability
Lead free in compliance with EU RoHS 2011/65/EU directive
Green molding compound as per IEC61249 Std. .(Halogen Free) (TO-252)
Mechanical Data
Case: TO-252, TO-220AB, ITO-220AB, TO-263 package
Terminals: solder plated, solderable per MIL-STD-750,Method 2026
TO-252 Weight: 0.0104 ounces, 0.297 grams
TO-220AB Weight: 0.067 ounces, 1.89 grams.
ITO-220AB Weight: 0.056 ounces, 1.6 grams.
TO-263 Weight: 0.051 ounces, 1.46 grams.
Marking: Part number
Note : 1. Device mounted on a infinite heatsink, then measured the center of the marking side.
Maximum Ratings And Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
150V
UNIT
Maximum repetitive peak reverse voltage
VRRM
150
V
Maximum rms voltage
VRMS
105
V
Maximum dc blocking voltage
VR
150
V
Maximum average forward rectified
current
per device
per diode
IF(AV)
10
5
A
Peak forward surge current : 8.3ms single half sine-
wave superimposed on rated load per diode
IFSM
120
A
Maximum forward voltage at 5A per diode
VF
0.85
V
Maximum dc reverse current
at rated dc blocking voltage
TJ =25
oC
TJ =125
oC
IR
0.5
1
A
mA
Typical thermal resistance
TO-252 (Note 1)
TO-220AB(Note 1)
TO-263(Note 1)
ITO-220AB(Note 1)
RθJC
6
3
3
7
oC/W
Operating junction temperature range
TJ
-55 to +175
oC
Storage temperature range
TSTG
-55 to +175
oC


Número de pieza similar - BD10H150CS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
BD10H150CS PANJIT-BD10H150CS_16 Datasheet
712Kb / 7P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
BD10H150CS_L2_00001 PANJIT-BD10H150CS_L2_00001 Datasheet
712Kb / 7P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
BD10H150CS_S2_00001 PANJIT-BD10H150CS_S2_00001 Datasheet
712Kb / 7P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - BD10H150CS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
MBR20H150FAT PANJIT-MBR20H150FAT Datasheet
280Kb / 4P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
MBR5H150SS PANJIT-MBR5H150SS Datasheet
203Kb / 6P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
MBR3H150SS PANJIT-MBR3H150SS Datasheet
226Kb / 6P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
BD10H150CS PANJIT-BD10H150CS_16 Datasheet
712Kb / 7P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
MBR20H150CT PANJIT-MBR20H150CT Datasheet
463Kb / 6P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
MBR1H150 PANJIT-MBR1H150 Datasheet
264Kb / 6P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
MBR30H150CT PANJIT-MBR30H150CT Datasheet
280Kb / 6P
   ULTRA LOW IR SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SRH5150 SECOS-SRH5150_15 Datasheet
129Kb / 2P
   Low IR Schottky Barrier Rectifiers
SMH3150B SECOS-SMH3150B Datasheet
211Kb / 2P
   Low IR Schottky Barrier Rectifiers
SRH5200 SECOS-SRH5200_15 Datasheet
129Kb / 2P
   Low IR Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com