Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM8230A Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

No. de pieza SM8230A
Descripción Electrónicos  Tone Dialer with Built-in Piezo Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NPC [Nippon Precision Circuits Inc]
Página de inicio  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8230A Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

  SM8230A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8230A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8230A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8230A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8230A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8230A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8230A Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SM8230A
NIPPON PRECISION CIRCUITS—7
NIPPON PRECISION CIRCUITS INC. reserves the right to make changes to the products described in this data sheet in order to
improve the design or performance and to supply the best possible products. Nippon Precision Circuits Inc. assumes no responsibility for
the use of any circuits shown in this data sheet, conveys no license under any patent or other rights, and makes no claim that the circuits
are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Nippon Precision
Circuits Inc. makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification.
The products described in this data sheet are not intended to use for the apparatus which influence human lives due to the failure or
malfunction of the products. Customers are requested to comply with applicable laws and regulations in effect now and hereinafter,
including compliance with export controls on the distribution or dissemination of the products. Customers shall not export, directly or
indirectly, any products without first obtaining required licenses and approvals from appropriate government agencies.
NIPPON PRECISION CIRCUITS INC.
4-3, 2-chome Fukuzumi
Koutou-ku, Tokyo 135-8430, Japan
Telephone: 03-3642-6661
Facsimile: 03-3642-6698
NC9614BE
1997.01
NIPPON PRECISION CIRCUITS INC.
GH/GL command (GH3 to GH0, GL3 to GL0)
These bits set the output levels of the high-frequency
group and low-frequency group outputs, respec-
tively. The input code and the corresponding output
level are shown in table 4. Note that the 0 dB point is
typically 93% of the supply voltage. Any value
above 0 dB results in amplitude clipping of the out-
put waveform.
Table 4. GH/GL command
GH3/GL
3
GH2/GL
2
GH1/GL
1
GH0/GL
0
Output
level
0000
−9 dB
0001
−8 dB
0010
−7 dB
0011
−6 dB
0100
−5 dB
0101
−4 dB
0110
−3 dB
0111
−2 dB
1000
−1 dB
1001
0 dB
1010
1 dB
1011
2 dB
1100
3 dB
1101
4 dB
1110
5 dB
1111
6 dB


Número de pieza similar - SM8230A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
SM8230A NEC-SM8230A Datasheet
81Kb / 8P
   Tone Dialer with Built-in Piezo Driver
SM8230AS NEC-SM8230AS Datasheet
81Kb / 8P
   Tone Dialer with Built-in Piezo Driver
SM8230A NEC-SM8230A_06 Datasheet
81Kb / 8P
   Tone Dialer with Built-in Piezo Driver
More results

Descripción similar - SM8230A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
SM8230A NEC-SM8230A_06 Datasheet
81Kb / 8P
   Tone Dialer with Built-in Piezo Driver
logo
List of Unclassifed Man...
NT95089 ETC-NT95089 Datasheet
309Kb / 11P
   Tone Dialer
HM9187 ETC1-HM9187 Datasheet
76Kb / 1P
   TONE DIALER
logo
UMC Corporation
UM9559E UMC-UM9559E Datasheet
615Kb / 7P
   TONE DIALER
logo
List of Unclassifed Man...
UM95080 ETC-UM95080 Datasheet
91Kb / 1P
   ONE KEY DIALER TONE DIALER
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
logo
UMC Corporation
UM91210C UMC-UM91210C Datasheet
877Kb / 14P
   TONE/PULSE DIALER
logo
List of Unclassifed Man...
NT91214 ETC1-NT91214 Datasheet
212Kb / 23P
   Tone/Pulse Dialer
logo
Holtek Semiconductor In...
HT9201A HOLTEK-HT9201A Datasheet
396Kb / 7P
   Simple Tone Dialer
logo
Sharp Corporation
LR4087B SHARP-LR4087B Datasheet
433Kb / 7P
   TONE DIALER LSI
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com