Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4448W-AU Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de pieza 1N4448W-AU
Descripción Electrónicos  SURFACE MOUNT SWITCHING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N4448W-AU Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1N4448W-AU Datasheet HTML 1Page - Pan Jit International Inc. 1N4448W-AU Datasheet HTML 2Page - Pan Jit International Inc. 1N4448W-AU Datasheet HTML 3Page - Pan Jit International Inc. 1N4448W-AU Datasheet HTML 4Page - Pan Jit International Inc. 1N4448W-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
1N4448W-AU
September 13,2013
Document Number : 120913
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
100 Volts
500mWatts
FEATURES
• Fast switching Speed
• Electrically ldentical to Standerd JEDEC
• High Conductance
• Surface Mount Package ldeally Suited for Automatic lnsertion
• Lead free in comply with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
MECHANICAL DATA
• Case: SOD-123 plastic case.
• Terminals: Solderable per MIL-STD-750,Method 2026
• Standard packaging: 8mm tape
• Weight: approximately 0.0104g
• Marking Code: A3
POWER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise noted)
NOTE:
1. CJ at VR=0, f=1MHZ
2. From IF=10mA to IR=1mA, VR=6Volts, RL=100
PA RA M E TE R
SYM B O L
VA L UE
UNITS
Re ve r s e Vo ltage
V
R
75
V
P e a k Re ve r s e Vo lt age
V
RM
100
V
RM S Vo lt age
V
RM S
50
V
F o r wa r d C o nt i nuo us
I
FM
50 0
mA
Ma xi m um D C B lo c k i ng Vo lt a g e
V
DC
75
V
M a xi m um A ver age F o r war d C ur r e nt at TA =2 5 OC
I
F(AV )
150
mA
P e a k F o r war d S ur ge C ur r ent , 1
s
I
FS M
4
A
P o we r D i s s i pati o n D e r a te A bove 25 OC
P
TO T
50 0
mW
M a xi m um F o r war d Vo lt age
V
F
0. 72 / 0.005A
1 / 0. 1A
V
M a xi m um D C Re ve r s e C ur r ent at Ra t ed D C B lock i ng Vo ltage TJ =2 5 OC
I
R
2.5@ 75V
A
J unc t i on C apac i tanc e ( No te1)
C
J
4
pF
M a xi m um Re ve r s e Re c o ve r y ( No t e2)
t
rr
4
ns
Typi c a l Ther m a l Re si s t anc e
R
JA
450
OC / W
Oper ati ng and S t or age Te m per atur e Ra ng e
T
J,T STG
- 5 5 t o + 150
OC
0.154(3.90)
0.141(3.60)
0.110(2.80)
0.098(2.50)
0.028(0.70)
0.019(0.50)
0.008(0.20)MAX.
0.005(0.12)MAX.
0.016(0.40)MIN.
0.053(1.35)
0.037(0.95)
0.071(1.80)
0.055(1.40)


Número de pieza similar - 1N4448W-AU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
1N4448W-7 DIODES-1N4448W-7 Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
1N4448W-7-F DIODES-1N4448W-7-F Datasheet
171Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 14 - 2
1N4448W-7-F DIODES-1N4448W-7-F Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
1N4448W-7-F DIODES-1N4448W-7-F Datasheet
91Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
1N4448W-7-F DIODES-1N4448W-7-F Datasheet
172Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
More results

Descripción similar - 1N4448W-AU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com