Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS1JF-AU Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de pieza GS1JF-AU
Descripción Electrónicos  SURFACE MOUNT RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1JF-AU Datasheet(HTML) 1 Page - Pan Jit International Inc.

  GS1JF-AU Datasheet HTML 1Page - Pan Jit International Inc. GS1JF-AU Datasheet HTML 2Page - Pan Jit International Inc. GS1JF-AU Datasheet HTML 3Page - Pan Jit International Inc. GS1JF-AU Datasheet HTML 4Page - Pan Jit International Inc. GS1JF-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
GS1JF-AU / GS1MF-AU
May 8,2014
Document Number : 131107
FEATURES
• For surface mounted applications in order to optimize board space
• Easy pick and place
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• Low Forward Drop
• High temperature soldering : 260
oC/10 seconds at terminals
• Glass Passivated Chip Junction
• Ultra Thin Profile Package for Space Constrained Utilization
• Package suitable for automated handling
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SMAF molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
• Approx weight: 0.001 ounces, 0.0328 grams
• Marking: Part number
SURFACE MOUNT RECTIFIER
NOTES : 1. Mounted on 48cm
2
FR-4 PCB.
VOLTAGE
600-1000 Volt
1 Ampere
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
1
2
Cathode
Anode
PA RA M E TE R
S YM B O L
G S 1 J F - A U
GS 1 M F - A U
UNITS
Re c ur r ent P eak Re ve r s e Vo lt age
V
RR M
600
1000
V
RM S Vo lt age
V
RM S
420
700
V
D C B loc k i ng Vo lt age
V
R
600
1000
V
A ver age F o r war d C ur r ent
I
F( AV )
1A
P eak F o r war d S ur ge C ur r ent : 8.3m s s i ng le ha lf s i ne - wave
s uper i m posed on r a t ed load
I
FS M
30
A
For war d Vo lt age at 1A
V
F
1. 1
V
D C Re ve r s e C ur r ent at Ra te d
D C B loc k i ng Vo lt age
T
J =2 5
O CI
R
1
A
Typi c a l J unc t i on C apac i tance
V R=4 V, 1 M HZ
C
J
7p F
Typi c a l Ther m a l Re s i s tanc e , J unc ti o n to Lead ( Note 1)
J unc t i o n t o A m b i e nt ( No t e 1 )
R
JL
R
JA
20
83
O C / W
Oper ati ng J unc t i on Te m per atur e and S t or age Te m p e r atur e Ra ng e
T
J ,T STG
- 55 t o + 150
O C


Número de pieza similar - GS1JF-AU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
GS1JF PANJIT-GS1JF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
logo
Microdiode Electronics ...
GS1JF CHENDA-GS1JF Datasheet
627Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
SUNMATE electronic Co.,...
GS1JF SUNMATE-GS1JF Datasheet
516Kb / 2P
   SURFACE MOUNT RECTIFIER DIODES
logo
Zibo Seno Electronic En...
GS1JF ZSELEC-GS1JF Datasheet
149Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
logo
Micro Commercial Compon...
GS1JFL MCC-GS1JFL Datasheet
392Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results

Descripción similar - GS1JF-AU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com