Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC72720YVS Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza LC72720YVS
Descripción Electrónicos  Signal-Processing System IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC72720YVS Datasheet(HTML) 2 Page - ON Semiconductor

  LC72720YVS Datasheet HTML 1Page - ON Semiconductor LC72720YVS Datasheet HTML 2Page - ON Semiconductor LC72720YVS Datasheet HTML 3Page - ON Semiconductor LC72720YVS Datasheet HTML 4Page - ON Semiconductor LC72720YVS Datasheet HTML 5Page - ON Semiconductor LC72720YVS Datasheet HTML 6Page - ON Semiconductor LC72720YVS Datasheet HTML 7Page - ON Semiconductor LC72720YVS Datasheet HTML 8Page - ON Semiconductor LC72720YVS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LC72720YVS
No. A2155-2/18
Specifications
Absolute Maximum Ratings at Ta = 25
°C, Vssd = Vssa = 0V
Parameter
Symbol
Pin Name
Ratings
Unit
Maximum supply voltage
Vddmax
Vddd, Vdda
-0.3 to +7.0
V
Maximum input voltage
Vin1max
CL, DI, CE, SYR, T1, T2, T3, T4, T5, T6, T7, SYNC
-0.3 to +7.0
V
Vin2max
XIN
-0.3 to Vddd+0.3
V
Vin3max
MPXIN, CIN
-0.3 to Vdda+0.3
V
Maximum output voltage
Vo1max
DO, SYNC, RDS-ID, T3, T4, T5, T6, T7
-0.3 to +7.0
V
Vo2max
XOUT
-0.3 to Vddd+0.3
V
Vo3max
FLOUT
-0.3 to Vdda+0.3
V
Maximum output current
Io1max
DO, T3, T4, T5, T6, T7
+6.0
mA
Io2max
XOUT, FLOUT
+3.0
mA
Io3max
SYNC, RDS-ID
+20.0
mA
Allowable power dissipation
Pdmax
(Ta
≤85°C)
150
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
Allowable Operating Ranges at Ta = -40 to 85
°C, Vssd = Vssa = 0V
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
min
typ
max
Supply voltage
Vdd1
Vddd, Vdda
3.0
3.6
V
Vdd2
Vddd
Serial data hold voltage
2.0
V
Input high-level
voltage
VIH
CL, DI, CE, SYR, T1, T2
0.7Vddd
6.5
V
Input low-level
voltage
VIL
CL, DI, CE, SYR, T1, T2
0
0.3Vddd
V
Output voltage
VO
DO, SYNC, RDS-ID, T3,
T4, T5, T6, T7
6.5
V
Input amplitude
VIN1
MPXIN
f=57
±2kHz
50
mVrms
VIN2
100% modulation composite
100
mVrms
VXIN
XIN
400
1500
mVrms
Guaranteed crystal
Oscillator
frequencies
XTAL
XIN, XOUT
CI
≤120Ω (XS=0)
4.332
MHz
CI
≤70Ω (XS=1)
8.664
MHz
Crystal oscillator
frequency
deviation
TXtal
XIN, XOUT
fo=4.332MHz, 8.664MHz
±100
ppm
Data setup time
tSU
DI, CL
0.75
μs
Data hold time
tHD
DI, CL
0.75
μs
Clock low level time
tCL
CL
0.75
μs
Clock high level time
tCH
CL
0.75
μs
CE wait time
tEL
CE, CL
0.75
μs
CE setup time
tES
CE, CL
0.75
μs
CE hold time
tEH
CE, CL
0.75
μs
CE high-level time
tCE
CE
20
ms
Data latch change
time
tLC
1.15
μs
Data output time
tDC
DO,CL
Differs depending on the value
of the pull-up resistor used.
0.46
μs
tDH
DO,CE
0.46
μs
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Número de pieza similar - LC72720YVS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
More results

Descripción similar - LC72720YVS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
LC72722PM ONSEMI-LC72722PM Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
LC72722PMS ONSEMI-LC72722PMS Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
logo
Sanyo Semicon Device
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
72720YV SANYO-72720YV Datasheet
222Kb / 14P
   Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
Hitachi Semiconductor
HA11235 HITACHI-HA11235 Datasheet
264Kb / 9P
   Synchronous Signal Processing System
logo
Panasonic Semiconductor
AN5767K PANASONIC-AN5767K Datasheet
60Kb / 6P
   Synchronizing signal processing IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com