Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK621-061-E Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza STK621-061-E
Descripción Electrónicos  3-Phase Motor Drive Inverter Hybrid IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK621-061-E Datasheet(HTML) 3 Page - ON Semiconductor

  STK621-061-E Datasheet HTML 1Page - ON Semiconductor STK621-061-E Datasheet HTML 2Page - ON Semiconductor STK621-061-E Datasheet HTML 3Page - ON Semiconductor STK621-061-E Datasheet HTML 4Page - ON Semiconductor STK621-061-E Datasheet HTML 5Page - ON Semiconductor STK621-061-E Datasheet HTML 6Page - ON Semiconductor STK621-061-E Datasheet HTML 7Page - ON Semiconductor STK621-061-E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STK621-061-E
No.A1032-3/8
Notes
1. Input ON voltage indicates a value to turn on output stage IGBT.
Input OFF voltage indicates a value to turn off output stage IGBT.
At the time of output ON, set the input signal voltage 0V to VIH (MAX).
At the time of output OFF, set the input signal voltage VIL (MIN) to 5V.
2. When the internal protection circuit operates, there is a Fault signal ON (When the Fault terminal is low level, Fault
signal is ON state : output form is open DRAIN) but the Fault signal doesn't latch.
After protection operation ends, it returns automatically within about 18ms to 80ms and resumes operation beginning
condition. So, after Fault signal detection, set OFF (HIGH) to all input signals at once.
However, the operation of pre-drive power supply low voltage protection (UVLO: it has a hysteresis about 0.3V) is
as follows.
Upper side
→ There is no Fault signal output, but it does a corresponding gate signal OFF.
Incidentally, it returns to the regular operation when recovering to the normal voltage, but the latch
continues among input signal ON (LOW).
Lower side
→ It outputs Fault signal with gate signal OFF.
However, it is different from the protection operation of upper side, it is automatically resets about
18ms to 80ms later and resumes operation beginning condition when recovering to normal voltage.
(The protection operation doesn't latch by the input signal.)
3. When assembling the hybrid IC on the heat sink with M4 type screw, tightening torque range is 0.79N•m to 1.17N•m.
Flatness of the heat-sink should be lower than 0.25mm.
4. The pre-drive low voltage protection is the feature to protect a device when the pre-driver supply voltage declines
with the operating malfunction. As for the pre-driver supply voltage decline in case of operation beginning, and so on,
we request confirmation in the set.
Package Dimensions
unit:mm (typ)
22
1
70.0
7.0
6.0
1.5
3.5
3.5
5.0
5.0
10.0
0.5
5.0
2.54
0.75
1.5
74.0
64.0
78.0
82.0
21
2.54=53.34
2.7


Número de pieza similar - STK621-061-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK621-061-E SANYO-STK621-061-E Datasheet
87Kb / 8P
   3-phase Inverter Motor Drive Inverter Hybrid IC
More results

Descripción similar - STK621-061-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK621-033N-E SANYO-STK621-033N-E Datasheet
83Kb / 8P
   3-phase Inverter Motor Drive Inverter Hybrid IC
STK621-061-E SANYO-STK621-061-E Datasheet
87Kb / 8P
   3-phase Inverter Motor Drive Inverter Hybrid IC
logo
ON Semiconductor
STK611-721-E ONSEMI-STK611-721-E Datasheet
129Kb / 9P
   3-Phase Motor Drive Inverter Hybrid IC
July, 2013
logo
Sanyo Semicon Device
STK611-721-E SANYO-STK611-721-E Datasheet
131Kb / 9P
   Fan 3-phase Inverter Motor Drive Inverter Hybrid IC
logo
Sanken electric
SMA5135 SANKEN-SMA5135 Datasheet
484Kb / 9P
   3-phase Motor Drive Inverter
logo
ON Semiconductor
STK5F1U3C2D-E ONSEMI-STK5F1U3C2D-E Datasheet
455Kb / 15P
   Inverter Power H-IC for 3-phase Motor Drive
July, 2014 Ver.140520DS
logo
Sanyo Semicon Device
STK673-011-E SANYO-STK673-011-E Datasheet
131Kb / 15P
   Thick-Film Hybrid IC 3-Phase Stepping Motor Driver
logo
List of Unclassifed Man...
PMM3101 ETC-PMM3101 Datasheet
45Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
PMM3501 ETC1-PMM3501 Datasheet
52Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
logo
Unisonic Technologies
UH477 UTC-UH477_17 Datasheet
141Kb / 6P
   SINGLE PHASE DC MOTOR DRIVE IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com