Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK433-130N-E Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza STK433-130N-E
Descripción Electrónicos  2ch class-AB Audio Power IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK433-130N-E Datasheet(HTML) 5 Page - ON Semiconductor

  STK433-130N-E Datasheet HTML 1Page - ON Semiconductor STK433-130N-E Datasheet HTML 2Page - ON Semiconductor STK433-130N-E Datasheet HTML 3Page - ON Semiconductor STK433-130N-E Datasheet HTML 4Page - ON Semiconductor STK433-130N-E Datasheet HTML 5Page - ON Semiconductor STK433-130N-E Datasheet HTML 6Page - ON Semiconductor STK433-130N-E Datasheet HTML 7Page - ON Semiconductor STK433-130N-E Datasheet HTML 8Page - ON Semiconductor STK433-130N-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STK433-130N-E
No.A2102-5/11
STK433-040N-E/060N-E/130N-E/330N-E PCB PARTS LIST
PCB Name : STK433 - 000Sr GEVB - A
Location No.
(*2) 2ch Amp doesn't mount
parts of (
) .
RATING
Component
Hybrid IC#1 Pin Position
-
STK433-
040N-E
060N-E
130N-E/
330N-E
R01
100
, 1W
R02, R03, (R04)
1k
, 1/6W
R05, R06, (R07), R08, R09, (R10)
56K
, 1/6W
R11, R12, (R13)
1.8K
, 1/6W
R14, R15, (R16)
4.7
, 1/4W
R17, R18, (R19)
4.7
, 1W
R20, R21, (R22)
0.22
, 2W
-
0.22
, 5W
-
-
C01, C02, C03, C23
100
F, 100V
C04, C05, (C06)
2.2
F, 50V
C07, C08, (C09)
470pF, 50V
C10, C11, (C12)
3pF, 50V
C13, C14, (C15)
10
F, 16V
C16, C17, (C18)
0.1
F, 50V
C19, C20, (C21)
***pF, 50V
100pF
56pF
N.C.
R34, R35, (R36)
Jumper
Short
L01, L02, (L03)
3
H
Stand-By
Control
Circuit
Tr1
VCE
 75V, IC  1mA
D1
Di
R30 (*2)
2.7k
, 1/6W
○ (*2)
R31
33k
, 1/6W
R32
1k
, 1/6W
R33
2k
, 1/6W
C32
33
F, 10V
J1, J2, J3, J4, J5, J6, J8, J9
Jumper
J7, JS2, JS3, JS4, JS5, JS7
JS8, JS9
-
-
JS6, JS10
Jumper
JS1 (R23)
100
, 1W
(*1) STK433-040N-E/060N-E/130N-E (2ch Amp) doesn't mount parts of (
)
(*2) Recommended standby circuit is used.


Número de pieza similar - STK433-130N-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK433-130N-E SANYO-STK433-130N-E Datasheet
291Kb / 11P
   2channel class-AB Audio Power IC 150W150W
More results

Descripción similar - STK433-130N-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
STK433-060N-E ONSEMI-STK433-060N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
STK433-040N-E ONSEMI-STK433-040N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
STK404-120N-E ONSEMI-STK404-120N-E Datasheet
331Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK433-890N-E ONSEMI-STK433-890N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
STK433-840N-E ONSEMI-STK433-840N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com