Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM2DS-NZ Datasheet(PDF) 5 Page - AIMTEC

No. de pieza AM2DS-NZ
Descripción Electrónicos  Pin compatible with multiple manufacturers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2DS-NZ Datasheet(HTML) 5 Page - AIMTEC

  AM2DS-NZ Datasheet HTML 1Page - AIMTEC AM2DS-NZ Datasheet HTML 2Page - AIMTEC AM2DS-NZ Datasheet HTML 3Page - AIMTEC AM2DS-NZ Datasheet HTML 4Page - AIMTEC AM2DS-NZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series AM2DS-NZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
5 of 5
North America only
Derating
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3.Mechanical drawings and specifications are for reference only. 4.All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5.Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Número de pieza similar - AM2DS-NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM2DS-NZ AIMTEC-AM2DS-NZ_16 Datasheet
193Kb / 5P
   2 Watt | DC-DC Converter
More results

Descripción similar - AM2DS-NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM3T-R-Z AIMTEC-AM3T-R-Z Datasheet
278Kb / 4P
   Pin compatible with multiple manufacturers
AM4TW-R-Z AIMTEC-AM4TW-R-Z Datasheet
225Kb / 3P
   Pin compatible with multiple manufacturers
AM2N-N-Z AIMTEC-AM2N-N-Z Datasheet
208Kb / 4P
   Pin Compatible With Multiple Manufacturers
AM3T-PNZ AIMTEC-AM3T-PNZ Datasheet
216Kb / 4P
   Pin compatible with multiple manufacturers
AM3TW-R-Z AIMTEC-AM3TW-R-Z Datasheet
226Kb / 3P
   Pin compatible with multiple manufacturers
AM6T-NZ AIMTEC-AM6T-NZ Datasheet
252Kb / 4P
   Pin compatible with multiple manufacturers
logo
Synaptics Incorporated.
CX93011 CONEXANT-CX93011 Datasheet
195Kb / 2P
   Pin compatible with CX90240 chipset
logo
Emerson Network Power
BXA40 EMERSON-NETWORKPOWER-BXA40 Datasheet
243Kb / 4P
   Pin-compatible with NFC40 Series
logo
Linear Technology
LTC4245 LINER-LTC4245 Datasheet
431Kb / 36P
   Multiple Supply Hot Swap Controller with I2C Compatible Monitoring
LTC4245 LINER-LTC4245_15 Datasheet
437Kb / 36P
   Multiple Supply Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com