Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM6TI-4805SZ Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AM6TI-4805SZ
Descripción Electrónicos  Input / Output Isolation 1500 and 3000VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6TI-4805SZ Datasheet(HTML) 1 Page - AIMTEC

  AM6TI-4805SZ Datasheet HTML 1Page - AIMTEC AM6TI-4805SZ Datasheet HTML 2Page - AIMTEC AM6TI-4805SZ Datasheet HTML 3Page - AIMTEC AM6TI-4805SZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM6TI-Z
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
1 of 4
North America only
FEATURES:
Models
Single output
Model
Input
Voltage (V)
Output
Voltage (V)
Output Current
max (mA)
Efficiency
(%)
Capacitive
load, max (
μF)
Isolation
(VDC)
AM6TI-1203SZ
9-18
3.3
1400
75
470
1500
AM6TI-1205SZ
9-18
5
1200
79
470
1500
AM6TI-1212SZ
9-18
12
500
83
100
1500
AM6TI-1215SZ
9-18
15
400
84
100
1500
AM6TI-1224SZ
9-18
24
250
82
47
1500
AM6TI-2403SZ
18-36
3.3
1400
74
470
1500
AM6TI-2405SZ
18-36
5
1200
79
470
1500
AM6TI-2412SZ
18-36
12
500
83
100
1500
AM6TI-2415SZ
18-36
15
400
83
100
1500
AM6TI-2424SZ
18-36
24
250
82
47
1500
AM6TI-4803SZ
36-75
3.3
1400
76
470
1500
AM6TI-4805SZ
36-75
5
1200
82
470
1500
AM6TI-4812SZ
36-75
12
500
84
100
1500
AM6TI-4815SZ
36-75
15
400
84
100
1500
AM6TI-4824SZ
36-75
24
250
84
47
1500
AM6TI-1203SH30Z
9-18
3.3
1400
75
470
3000
AM6TI-1205SH30Z
9-18
5
1200
79
470
3000
AM6TI-1212SH30Z
9-18
12
500
83
100
3000
AM6TI-1215SH30Z
9-18
15
400
84
100
3000
AM6TI-1224SH30Z
9-18
24
250
82
47
3000
AM6TI-2403SH30Z
18-36
3.3
1400
74
470
3000
AM6TI-2405SH30Z
18-36
5
1200
79
470
3000
AM6TI-2412SH30Z
18-36
12
500
83
100
3000
AM6TI-2415SH30Z
18-36
15
400
83
100
3000
AM6TI-2424SH30Z
18-36
24
250
82
47
3000
AM6TI-4803SH30Z
36-75
3.3
1400
76
470
3000
AM6TI-4805SH30Z
36-75
5
1200
82
470
3000
AM6TI-4812SH30Z
36-75
12
500
84
100
3000
AM6TI-4815SH30Z
36-75
15
400
84
100
3000
AM6TI-4824SH30Z
36-75
24
250
84
47
3000
Models
Dual output
Model
Input Voltage
(V)
Output
Voltage (V)
Output Current
max (mA)
Efficiency
(%)
Capacitive
load, max (μF)
Isolation
(VDC)
AM6TI-1203DZ
9-18
±3.3
±909
76
±220
1500
AM6TI-1205DZ
9-18
±5
±600
80
±220
1500
AM6TI-1212DZ
9-18
±12
±250
83
±100
1500
AM6TI-1215DZ
9-18
±15
±200
84
±100
1500
AM6TI-1224DZ
9-18
±24
±125
81
±47
1500
AM6TI-2403DZ
18-36
±3.3
±909
76
±220
1500
AM6TI-2405DZ
18-36
±5
±600
80
±220
1500
AM6TI-2412DZ
18-36
±12
±250
83
±100
1500
AM6TI-2415DZ
18-36
±15
±200
84
±100
1500
• Under Voltage Lockout
• High efficiency up to 84%
• Operating temperature -40oC to + 85oC
• Continuous short circuit protection
• 24 Pin DIP Package
• Input / Output Isolation 1500 and 3000VDC
• Wide 2:1 input range
• Over Load Protection
• Pin compatible with multiple manufacturers
• Input Under Voltage Protection
Click on Series name for product info on aimtec.com


Número de pieza similar - AM6TI-4805SZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM6TI-4805SZ AIMTEC-AM6TI-4805SZ Datasheet
378Kb / 4P
   6 Watt | DC-DC Converter
More results

Descripción similar - AM6TI-4805SZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM6TIW-RZ AIMTEC-AM6TIW-RZ Datasheet
174Kb / 4P
   Input / Output Isolation 1500 and 3000VDC
AM3G-NZ AIMTEC-AM3G-NZ_16 Datasheet
205Kb / 5P
   1500 and 3000VDC I/O Isolation
AM6GH-Z AIMTEC-AM6GH-Z Datasheet
229Kb / 5P
   Input / Output Isolation 1500 and 3000 VDC
AM2LS-NZ AIMTEC-AM2LS-NZ Datasheet
208Kb / 4P
   Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
   Input / Output Isolation 1500 or 3000 VDC
AM3TIW-RZ AIMTEC-AM3TIW-RZ Datasheet
205Kb / 5P
   Input / Output Isolation 1500 or 3000 VDC
logo
CET Technology, LLC
CT-12D-3W CETTECHNOLOGY-CT-12D-3W Datasheet
691Kb / 2P
   3000Vdc Isolation Single Output 3 Watt Dc-Dc Converter
CT-13D1-1W CETTECHNOLOGY-CT-13D1-1W Datasheet
485Kb / 2P
   3000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-13DS1 CETTECHNOLOGY-CT-13DS1 Datasheet
397Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-1W CETTECHNOLOGY-CT-12D-1W Datasheet
774Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com