Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM30K-1212SIZ Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AM30K-1212SIZ
Descripción Electrónicos  Power modules for PCB mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30K-1212SIZ Datasheet(HTML) 1 Page - AIMTEC

  AM30K-1212SIZ Datasheet HTML 1Page - AIMTEC AM30K-1212SIZ Datasheet HTML 2Page - AIMTEC AM30K-1212SIZ Datasheet HTML 3Page - AIMTEC AM30K-1212SIZ Datasheet HTML 4Page - AIMTEC AM30K-1212SIZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM30K-IZ
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.F
1 of 5
North America only
FEATURES:
 RoHS compliant
 Soft start
 Power modules for PCB mounting
 High efficiency
 Capacitive loading up to 5500 µF (36-75V Input)
 Standard package
 Remote On/Off control
 UVLO / OVLO Shutdown
 Operating temperature range: -40 to +85ºC
 Thermal shutdown
Models
Single output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current max
(A)
Ripple & Noise
Typ.
Isolation
(VDC)
Efficiency
(%)
AM30K-1203SIZ
9-18
3.3
5.5
80 mV p-p
1500
81
AM30K-1205SIZ
9-18
5
5
80 mV p-p
1500
83
AM30K-1212SIZ
9-18
12
2.5
120 mV p-p
1500
86
AM30K-1215SIZ
9-18
15
2
150 mV p-p
1500
87
AM30K-1224SIZ
9-18
24
1.25
240 mV p-p
1500
86
AM30K-2403SIZ
18-36
3.3
5.5
80 mV p-p
1500
82
AM30K-2405SIZ
18-36
5
5
80 mV p-p
1500
86
AM30K-2412SIZ
18-36
12
2.5
120 mV p-p
1500
88
AM30K-2415SIZ
18-36
15
2
150 mV p-p
1500
88
AM30K-2424SIZ
18-36
24
1.25
240 mV p-p
1500
86
AM30K-4803SIZ
36-75
3.3
5.5
80 mV p-p
1500
82
AM30K-4805SIZ
36-75
5
5
80 mV p-p
1500
86
AM30K-4812SIZ
36-75
12
2.5
120 mV p-p
1500
88
AM30K-4815SIZ
36-75
15
2
150 mV p-p
1500
88
AM30K-4824SIZ
36-75
24
1.25
240 mV p-p
1500
86
AM30K-1203SH30IZ
9-18
3.3
6
80 mV p-p
3000
80
AM30K-1205SH30IZ
9-18
5
5
80 mV p-p
3000
81
AM30K-1212SH30IZ
9-18
12
2.5
120 mV p-p
3000
84
AM30K-1215SH30IZ
9-18
15
2
150 mV p-p
3000
83
AM30K-1224SH30IZ
9-18
24
1.2
240 mV p-p
3000
82
AM30K-2403SH30IZ
18-36
3.3
6
80 mV p-p
3000
80
AM30K-2405SH30IZ
18-36
5
5
80 mV p-p
3000
80
AM30K-2412SH30IZ
18-36
12
2.5
120 mV p-p
3000
84
AM30K-2415SH30IZ
18-36
15
2
150 mV p-p
3000
83
AM30K-2424SH30IZ
18-36
24
1.2
240 mV p-p
3000
83
AM30K-4803SH30IZ
36-75
3.3
6
80 mV p-p
3000
77
AM30K-4805SH30IZ
36-75
5
5
80 mV p-p
3000
82
AM30K-4812SH30IZ
36-75
12
2.5
120 mV p-p
3000
84
AM30K-4815SH30IZ
36-75
15
2
150 mV p-p
3000
85
AM30K-4824SH30IZ
36-75
24
1.2
240 mV p-p
3000
85
Models
Dual output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output
Current max
(A)
Ripple & Noise
Typ.
Isolation
(VDC)
Efficiency
(%)
AM30K-1205DIZ
9-18
±5
±2.5
80 mV p-p
1500
83
AM30K-1212DIZ
9-18
±12
±1.25
120 mV p-p
1500
86
AM30K-1215DIZ
9-18
±15
±1
150 mV p-p
1500
87
AM30K-2405DIZ
18-36
±5
±2.5
80 mV p-p
1500
86
AM30K-2412DIZ
18-36
±12
±1.25
120 mV p-p
1500
88
AM30K-2415DIZ
18-36
±15
±1
150 mV p-p
1500
86
AM30K-4805DIZ
36-75
±5
±2.5
80 mV p-p
1500
86
Click on Series name for product info on aimtec.com


Número de pieza similar - AM30K-1212SIZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM30K-1212SIZ AIMTEC-AM30K-1212SIZ Datasheet
512Kb / 5P
   30 Watt | DC-DC Converter
AM30K-1212SIZ AIMTEC-AM30K-1212SIZ Datasheet
328Kb / 5P
   30 Watt | DC-DC Converter
More results

Descripción similar - AM30K-1212SIZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Arch Electronics Corp.
MSC-E1 ARCH-MSC-E1_16 Datasheet
245Kb / 3P
   Switching Power Modules for PCB Mounting
MTC-E1 ARCH-MTC-E1_16 Datasheet
267Kb / 3P
   Switching Power Modules for PCB Mounting
MSC ARCH-MSC_16 Datasheet
245Kb / 3P
   Switching Power Modules for PCB Mounting
MSC60 ARCH-MSC60_16 Datasheet
150Kb / 3P
   Switching Power Modules for PCB Mounting
MTC-E1_SERIES ARCH-MTC-E1_SERIES Datasheet
250Kb / 3P
   Switching Power Modules for PCB Mounting
MSC-E1_SERIES ARCH-MSC-E1_SERIES Datasheet
257Kb / 3P
   Switching Power Modules for PCB Mounting
MTC ARCH-MTC_16 Datasheet
241Kb / 3P
   Switching Power Modules for PCB Mounting
MSC60 ARCH-MSC60 Datasheet
248Kb / 4P
   Switching Power Modules for PCB Mounting
logo
TE Connectivity Ltd
2IO TEC-2IO Datasheet
344Kb / 4P
   Mounting Boards for Input/Output Modules
logo
Tyco Electronics
2IO MACOM-2IO Datasheet
344Kb / 4P
   Mounting Boards for Input/Output Modules
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com