Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME1-5SAZ Datasheet(PDF) 3 Page - AIMTEC

No. de pieza AME1-5SAZ
Descripción Electrónicos  Over load, Short Circuit Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AME1-5SAZ Datasheet(HTML) 3 Page - AIMTEC

  AME1-5SAZ Datasheet HTML 1Page - AIMTEC AME1-5SAZ Datasheet HTML 2Page - AIMTEC AME1-5SAZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AME1-AZ
1Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.I
3 of 3
North America only
Dimensions
35.60
(1.40)
15.24
(0.60)
28.00
(1.10)
19.32
(0.76)
6.00
(0.24)
Dimensions mm (inch)
Case Tolerance ±0.50 (±0.02)
Pin Diameter ±0.05 (±0.002)
Pin Pitch Tolerance ±0.50 (±0.02)
0.60
(0.02)
ew
easuringpoint
4
2
17.80
(0.70)
1
Top Vi
Temperaturem
3
11.655
(0.46)
DIV: 5.00(0.20)
Ø 10.0 ( Ø 0.40)
Ø 0.60 ( Ø 0.02)
1
3
Top View
4
2
7.60
23.31
(0.92)
(0.29)
Side View
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3.Mechanical drawings and specifications are for reference only. 4.All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5.Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Número de pieza similar - AME1-5SAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME1-5SAZ AIMTEC-AME1-5SAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-5SAZ AIMTEC-AME1-5SAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
More results

Descripción similar - AME1-5SAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME3-AZ AIMTEC-AME3-AZ Datasheet
207Kb / 3P
   Over load, Short Circuit Protection
logo
CUI INC
VOF-6B CUI-VOF-6B Datasheet
479Kb / 5P
   short circuit, over voltage protection, over current protection
logo
AIMTEC
AME2-JZ AIMTEC-AME2-JZ Datasheet
146Kb / 3P
   Over current, Short Circuit Protection
AME1-JZ AIMTEC-AME1-JZ Datasheet
147Kb / 3P
   Over current, Short Circuit Protection
logo
MORNSUN Science& Techno...
MA00505WA MORNSUN-MA00505WA Datasheet
261Kb / 3P
   Over voltage, Over current, Short circuit protection
MG01205HA MORNSUN-MG01205HA Datasheet
324Kb / 4P
   Over voltage, Over current, Short circuit protection
MA00505VA MORNSUN-MA00505VA Datasheet
330Kb / 4P
   Over voltage, Over current, Short circuit protection
logo
CUI INC
VF-D320-DXXXA-CFS CUI-VF-D320-DXXXA-CFS Datasheet
221Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
VF-D250-DXXA-CF CUI-VF-D250-DXXA-CF Datasheet
497Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
VF-D320-DXXXA CUI-VF-D320-DXXXA Datasheet
226Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com