Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME3-15SCJZ Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AME3-15SCJZ
Descripción Electrónicos  Input: 85-264VAC, 47-63Hz, or 100-370 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AME3-15SCJZ Datasheet(HTML) 1 Page - AIMTEC

  AME3-15SCJZ Datasheet HTML 1Page - AIMTEC AME3-15SCJZ Datasheet HTML 2Page - AIMTEC AME3-15SCJZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AME3-CJZ
3 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8
1 of 3
North America only
FEATURES:
Picture coming soon
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Temperature
range
(ºC)
Output
Voltage
(V)
Output
Current max
(mA)
Maximum
capacitive
Load
(µF)
Efficiency
(%)
230
VAC
AME3-3.3SCJZ
85-264/47-63
100-370
-25 to +70
3.3
700
6000
66
AME3-5SCJZ
85-264/47-63
100-370
-25 to +70
5
600
6000
74
AME3-9SCJZ
85-264/47-63
100-370
-25 to +70
9
330
1500
75
AME3-12SCJZ
85-264/47-63
100-370
-25 to +70
12
250
1500
77
AME3-15SCJZ
85-264/47-63
100-370
-25 to +70
15
200
1000
77
AME3-24SCJZ
85-264/47-63
100-370
-25 to +70
24
125
330
78
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
65
mA
230 VAC
30
mA
Inrush current <2ms (cold start)
115 VAC
10
A
230 VAC
20
A
Leakage current
230VAC/50Hz, rms
0.1
mA
External fuse
Recommended slow blow type
1
A
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
3.3V output
Others
±3
±2
%
Line regulation
LL-HL, Full Load
±0.5
%
Load regulation
10% - 100% load, nominal input
±1
%
Minimum load
10
%
Ripple & Noise
20MHz bandwidth, 115/230VAC, Full Load
50
100
mV p-p
Hold up time
230VAC
50
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
3000
VAC
Isolation Resistance
>1000
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
115
KHz
Over Current protection
Auto recovery
≥110
% of Iout
Over Voltage protection
3.3/5V output
9V output
12/15V output
24V output
7.5
12
20
30
VDC
Short circuit protection
Auto recovery, Continuous
Operating temperature
With derating above 55°C
-25 to +70
°C
Storage temperature
-25 to +105
°C
Temperature coefficient
±0.02
%/°C
Maximum Case temperature
95
°C
Humidity
Non condensing
95
% RH
Case material
Plastic resin (flammability to UL 94V-0)
• I/O Isolation 3000VAC
• Class II Power supply
• Operating Temp: -25°C to +70°C
• Input: 85-264VAC, 47-63Hz, or 100-370 VDC
• Over current and Over voltage Protection
Low no load consumption ≤ 0.3W
• Continuous Short Circuit Protection
Click on Series name for product info on aimtec.com


Número de pieza similar - AME3-15SCJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME3-15SAZ AIMTEC-AME3-15SAZ Datasheet
450Kb / 3P
   AC-DC Converter
AME3-15SAZ AIMTEC-AME3-15SAZ Datasheet
207Kb / 3P
   Over load, Short Circuit Protection
AME3-15SAZ AIMTEC-AME3-15SAZ Datasheet
182Kb / 3P
   3Watt | AC-DC Converter
AME3-15SBAZ AIMTEC-AME3-15SBAZ Datasheet
450Kb / 3P
   AC-DC Converter
AME3-15SBAZ AIMTEC-AME3-15SBAZ Datasheet
207Kb / 3P
   Over load, Short Circuit Protection
More results

Descripción similar - AME3-15SCJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RUBYCON CORPORATION
PSW60 RUBYCON-PSW60_15 Datasheet
200Kb / 2P
   85 to 264VAC universal input
MSW60 RUBYCON-MSW60 Datasheet
137Kb / 2P
   85 to 264VAC universal input
logo
Wall Industries,Inc.
PSFAA-03 WALL-PSFAA-03 Datasheet
181Kb / 3P
   Universal Input of 85~264VAC
logo
Powerbox
AIM-AC POWERBOX-AIM-AC Datasheet
147Kb / 1P
   Universal input: 85 to 264VAC
logo
Wall Industries,Inc.
PSMP20 WALL-PSMP20 Datasheet
386Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
PSME15 WALL-PSME15 Datasheet
182Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
PSME20 WALL-PSME20 Datasheet
184Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
PSMP15 WALL-PSMP15 Datasheet
204Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
logo
Arch Electronics Corp.
AHC-E1_SERIES ARCH-AHC-E1_SERIES Datasheet
490Kb / 5P
   Universal Input Range 90-264VAC, 47-440 Hz
AFC20_SERIES ARCH-AFC20_SERIES Datasheet
520Kb / 5P
   Universal Input Range 90-264VAC, 47-440 Hz
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com