Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMEL5-12SJZ Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AMEL5-12SJZ
Descripción Electrónicos  Over current, Over Voltage Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL5-12SJZ Datasheet(HTML) 1 Page - AIMTEC

  AMEL5-12SJZ Datasheet HTML 1Page - AIMTEC AMEL5-12SJZ Datasheet HTML 2Page - AIMTEC AMEL5-12SJZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AMEL5-JZ
5 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8
1 of 3
North America only
Picture coming soon
FEATURES:
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input Voltage
(VDC)
Output
Voltage
(V)
Output
Current max
(A)
Maximum
capacitive
Load
(µF)
Efficiency
(%)
230
VAC
AMEL5-3.3SJZ
85-305/47-440
100-430
3.3
1.25
4000
74
AMEL5-5SJZ
85-305/47-440
100-430
5
1
4000
78
AMEL5-9SJZ
85-305/47-440
100-430
9
0.55
1000
78
AMEL5-12SJZ
85-305/47-440
100-430
12
0.42
820
80
AMEL5-15SJZ
85-305/47-440
100-430
15
0.333
820
82
AMEL5-24SJZ
85-305/47-440
100-430
24
0.23
330
83
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
120
mA
230 VAC
70
mA
Inrush current <2ms (cold start)
115 VAC
10
A
230 VAC
20
A
Leakage current
0.2
mA
External fuse
Recommended slow blow type
1
A
Input Dissipation (No Load)
No load (110/230VAC)
0.3
W
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
3.3V output
Others
±3
±2
%
Line regulation
±0.5
%
Load regulation
10-100% load
±1
%
Ripple & Noise *
20MHz Bandwidth, 3.3 / 5V models
20MHz Bandwidth, others
60
50
120
100
mV p-p
Hold-up time (minimum)
115VAC
230VAC
12
80
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
4000
VAC
Isolation Resistance
>1000
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
140
KHz
Protection class
Class II
Over Current protection
Auto recovery
≥110
% of Iout
Over voltage protection
Zener diode clamp
Short circuit protection
Continuous, Auto recovery
Operating temperature
See derating curve
-25 to 70°C
°C
Storage temperature
-25 to +105
°C
• I/O Isolation 4000VAC
• High efficiency up to 83%
• Operating Temp: -25 °C to +70 °C
• No
load consumption ≤ 0.3W
• Input: 85-305VAC, 47-440Hz, or 100-430VDC
• Ultra small package
• Over current, Over Voltage Protection
• Short Circuit Protection
Click on Series name for product info on aimtec.com


Número de pieza similar - AMEL5-12SJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEL5-12SAZ AIMTEC-AMEL5-12SAZ Datasheet
320Kb / 3P
   5 Watt | AC-DC Converter
AMEL5-12SAZ AIMTEC-AMEL5-12SAZ Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-12SAZ AIMTEC-AMEL5-12SAZ Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-12SCJZ AIMTEC-AMEL5-12SCJZ Datasheet
152Kb / 3P
   Over current, Over Voltage Protection
AMEL5-12SEMAZ AIMTEC-AMEL5-12SEMAZ Datasheet
252Kb / 4P
   5 Watt | AC-DC Converter
More results

Descripción similar - AMEL5-12SJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
   Over Current / Over Voltage Protection
logo
ON Semiconductor
FPF2496 ONSEMI-FPF2496 Datasheet
362Kb / 11P
   Over-Voltage, Over-Current Protection
April 2017 Rev. 1.11
logo
AIMTEC
AMEL5-CJZ AIMTEC-AMEL5-CJZ Datasheet
152Kb / 3P
   Over current, Over Voltage Protection
logo
CUI INC
VOF-6B CUI-VOF-6B Datasheet
479Kb / 5P
   short circuit, over voltage protection, over current protection
logo
List of Unclassifed Man...
ENH-0620 ETC2-ENH-0620 Datasheet
264Kb / 2P
   Over Current Voltage Protection
ENS-0748 ETC2-ENS-0748 Datasheet
902Kb / 2P
   Over Current Voltage Protection
ENS-0330 ETC2-ENS-0330 Datasheet
1Mb / 2P
   Over Current Voltage Protection
logo
Will Semiconductor Ltd.
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
   Over voltage and over current protection IC
logo
List of Unclassifed Man...
ENS-0565 ETC2-ENS-0565 Datasheet
1Mb / 2P
   Over Current Voltage Protection
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com