Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC703200AW-8C99-H Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza LC703200AW-8C99-H
Descripción Electrónicos  Speech Processing IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC703200AW-8C99-H Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LC703200AW-8C99-H Datasheet HTML 3Page - ON Semiconductor LC703200AW-8C99-H Datasheet HTML 4Page - ON Semiconductor LC703200AW-8C99-H Datasheet HTML 5Page - ON Semiconductor LC703200AW-8C99-H Datasheet HTML 6Page - ON Semiconductor LC703200AW-8C99-H Datasheet HTML 7Page - ON Semiconductor LC703200AW-8C99-H Datasheet HTML 8Page - ON Semiconductor LC703200AW-8C99-H Datasheet HTML 9Page - ON Semiconductor LC703200AW-8C99-H Datasheet HTML 10Page - ON Semiconductor LC703200AW-8C99-H Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LC703200AW
No.A2234-7/20
(3) DC Characteristics
Table.4
DC Characteristics(Digital Block)
Ta =
30°C to +70°C, VDD33 = XVDD33 = 3.0V to 3.6V, VDD15 = 1.35V to 1.65V, DVSS = XVSS = 0V
Parameter
Symbol
Pins
Conditions
Min
Typ
Max
Unit
Input “H” level voltage
VIH
TEST, MODE0-1, RESETB,
PDNB, INT0, INTB1, GPIO0-20,
SCL, SDA, JTAG_TCK,
JTAG_TSM, JTAG_TDI
0.7VDD33
-
-
V
Input “L” level voltage
VIL
-
-
0.3VDD33
Input “H” level current
IIH
VI=VDD33
10
-
+10
μA
Input “L” level current
IIL
VI=VSS
10
-
+10
Output“H” level voltage
VOH2
SYSRDY, JTAG_TDO
GPIO0-3, GPIO5-20
IOH=-2mA
VDD33
0.4
-
-
V
Output “L” level voltage
VOL2
IOL=2mA
-
-
0.4
Output “H” level voltage
VOH4
SCL, SDA, GPIO4
IOH=-4mA
VDD33
0.4
-
-
Output “L” level voltage
VOL4
IOL=4mA
-
-
0.4
Output leakage current
IOZ
GPIO0-20,SCL, SDA
VO=Hi_z
-10
-
+10
μA
Table.5
DC Characteristics (Analog Block)
Ta = 25°C, AVDD33 = 3.3V, AVSS = 0V
MIC amp circuit (Analog input)
Parameter
Symbol
Pins
Conditions
Min
Typ
Max
Unit
Input resistance
MIC_Rin
MIC0IN,
MIC1IN,
MIC0COM,
MIC1COM
Gain = 0dB
52.8
KΩ
Gain = 27dB
5.34
KΩ
Input voltage
MIC_Vin
Gain = 0dB
Single end input
0.85AVDD33
Vp-p
Gain = 0dB
Differential input
0.425AVDD33
Vp-p
MIC amp gain
MIC_gain
MIC_GAIN=111b
30
dB
MIC_GAIN=110b
27
dB
MIC_GAIN=101b
24
dB
MIC_GAIN=100b
21
dB
MIC_GAIN=011b
18
dB
MIC_GAIN=010b
15
dB
MIC_GAIN=001b
12
dB
MIC_GAIN=000b
0
dB
MIC bias circuit
Parameter
Symbol
Pin Name
Conditions
Min
Typ
Max
Unit
MIC bias output voltage
MIC_Vbias
MICBIAS
AVDD = 3.3V
2.31
V
MIC bias output current
MIC_Ibias
@RL = 5KΩ
20
mA
ADC Block (MIC0IN / MIC1IN / MIC0COM / MIC1COM → MICAMP → ADC → SO0 / SO1(PCM-I/F))
Parameter
Symbol
Pins
Conditions
Min
Typ
Max
Unit
Resolution
ADC_RES
-
24
-
bit
S/N
ADC_SNR
MIC_GAIN=0dB
A-weighted
85
90
-
dB
MIC_GAIN=27dB
A-weighted
75
80
-
dB
Dynamic Range
ADC_DR
MIC_GAIN=0dB
A-weighted
85
90
-
dB
MIC_GAIN=27dB
A-weighted
75
80
-
dB
THD+N
ADC_THD+N
MIC_GAIN=0dB
-
86
75
dB
MIC_GAIN=27dB
-
76
72
dB
Inter channel Isolation
ADC_ISO
MIC_GAIN=0dB
-
100
90
dB
MIC_GAIN=27dB
-
90
80
dB
DAC Block
Parameter
Symbol
Pins
Condition
Min
Typ
Max
Unit
Resolution
DAC_RES
-
24
-
bit
S/N
DAC_SNR
A-weighted
85
90
-
dB
Dynamic Range
DAC_DR
A-weighted
85
90
-
dB
THD+N
DAC_THD+N
-
86
75
dB
Inter channel isolation
DAC_ISO
f=1KHz
-
90
85
dB
Output Voltage
DAC_VO
-
-
0.85AVDD33
Vp-p
Output load resistance
DAC_RL
10
-
-
KΩ
Output load capacity
DAC_CL
-
-
30
pF
Analog Block Reference Voltage Generator Circuit
Parameter
Symbol
Pins
Condition
Min
Typ
Max
Unit
Reference voltage
VREF
VREF
-
1.65
-
V
Startup time (*)
ST
C=10μF
-
80
-
ms
(*) The definition of Startup time is the time VREF output reach 98% of reference voltage (= 0.98AVDD33/2)
from power down release.


Número de pieza similar - LC703200AW-8C99-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
LC70 MICROSEMI-LC70 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC70 MICROSEMI-LC70 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC70 MICROSEMI-LC70 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC70 NJSEMI-LC70 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
LC700 ETC-LC700 Datasheet
196Kb / 10P
   Patient Care Unit Standard Laminate or Optional Terreon Lavatory Top
More results

Descripción similar - LC703200AW-8C99-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590 Datasheet
341Kb / 40P
   Digital signal processing IC for speech and audio applications
TDA7550 STMICROELECTRONICS-TDA7550 Datasheet
118Kb / 12P
   DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
TDA7590 STMICROELECTRONICS-TDA7590_09 Datasheet
326Kb / 42P
   Digital signal processing IC for speech and audio applications
logo
New Japan Radio
NJM2105 NJRC-NJM2105 Datasheet
204Kb / 6P
   TELEPHONE SPEECH NETWORK IC
logo
NXP Semiconductors
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
NXP Semiconductors
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
logo
Panasonic Semiconductor
AN5767K PANASONIC-AN5767K Datasheet
60Kb / 6P
   Synchronizing signal processing IC
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
logo
NXP Semiconductors
PCF5083 PHILIPS-PCF5083 Datasheet
602Kb / 136P
   GSM signal processing IC
1996 Oct 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com