Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRL-CL2-01 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

No. de pieza IRL-CL2-01
Descripción Electrónicos  LED Strip Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IRL-CL2-01 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  IRL-CL2-01 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. IRL-CL2-01 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. IRL-CL2-01 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LED Strip Module
File Name:IRL-CL2-01 2015-11-23
I R L - C L 2 - 0 1
In order to guarantee that the LED life and the use environment, cannot make any force when the product lighting
use to pull the power cables, forbids to collide, in order to avoid damages LED.
For can better lighting effect of the product, each 5 meter long strip must connect the main power source.
Must guarantee that each power source (GND) must connect.
Should not be curving in the diameter 60mm following radian, please do not rebate, in order to avoid damage lamp
bead or break.
Please follow the user manual for installation
.
Waring
Please note the careful operation, in the power source connection's situation, will touch the alternating current
supply end possibly to cause your safety.
In the actual application, the power source should retain 20% remainders, guaranteed that the sufficiency the
voltage lightens LED.
Installs as far as possible the product in the appropriate environment.
Pays attention to the power cable in the installment process positive and negative extremely, please do not wrong,
power source and product voltage to be whether correct, in order to avoid creates the product the damage.
Cautions


Número de pieza similar - IRL-CL2-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lorlin Electronics Ltd.
IRL-5-D-D-2 LORLIN-IRL-5-D-D-2 Datasheet
888Kb / 2P
   IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
IRL-5-D-S-2 LORLIN-IRL-5-D-S-2 Datasheet
888Kb / 2P
   IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
IRL-5-R-D-2 LORLIN-IRL-5-R-D-2 Datasheet
888Kb / 2P
   IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
IRL-5-R-S-2 LORLIN-IRL-5-R-S-2 Datasheet
888Kb / 2P
   IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
logo
OSRAM GmbH
IRL-80-A OSRAM-IRL-80-A Datasheet
172Kb / 10P
   GaAs infrared emitting diode
More results

Descripción similar - IRL-CL2-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
IRL-RGBW-01 MEANWELL-IRL-RGBW-01 Datasheet
1Mb / 3P
   LED Strip Module
IRL-RGB-01 MEANWELL-IRL-RGB-01 Datasheet
598Kb / 3P
   LED Strip Module
NCL-CL1-01 MEANWELL-NCL-CL1-01 Datasheet
916Kb / 3P
   LED Strip Module
logo
BetLux Electronics
TLS-1W-ML38_1W BETLUX-TLS-1W-ML38_1W Datasheet
174Kb / 2P
   LED strip light, Mono color, 1W high power LED Module
TLS-1W-M35 BETLUX-TLS-1W-M35 Datasheet
162Kb / 2P
   LED strip light, Mono color, 1W high power LED Module
TLS-1W-M35_1W BETLUX-TLS-1W-M35_1W Datasheet
162Kb / 2P
   LED strip light, Mono color, 1W high power LED Module
TLS-1W-MS35_1W BETLUX-TLS-1W-MS35_1W Datasheet
476Kb / 1P
   LED strip light, Mono color, 1W high power LED Module
TLS-1W-ML45 BETLUX-TLS-1W-ML45 Datasheet
223Kb / 2P
   LED strip light, Mono color, 1W high power LED Module
TLS-1W-MS35 BETLUX-TLS-1W-MS35 Datasheet
476Kb / 1P
   LED strip light, Mono color, 1W high power LED Module
TLS-1W-ML45_1W BETLUX-TLS-1W-ML45_1W Datasheet
223Kb / 2P
   LED strip light, Mono color, 1W high power LED Module
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com