Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB11685VH Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza LB11685VH
Descripción Electrónicos  3-phase sensor less Motor driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11685VH Datasheet(HTML) 3 Page - ON Semiconductor

  LB11685VH Datasheet HTML 1Page - ON Semiconductor LB11685VH Datasheet HTML 2Page - ON Semiconductor LB11685VH Datasheet HTML 3Page - ON Semiconductor LB11685VH Datasheet HTML 4Page - ON Semiconductor LB11685VH Datasheet HTML 5Page - ON Semiconductor LB11685VH Datasheet HTML 6Page - ON Semiconductor LB11685VH Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LB11685VH
No.A1773-3/7
Package Dimensions
unit : mm (typ)
3222A
Pin Assignment
SANYO : HSOP28(275mil)
1
28
14
15
2.7
15.0
0.2
0.3
2.0
0.8
(0.7)
Pd max - Ta
0
1.40
2.0
-40
80
0.73
60
20
40
0
100
-20
0.5
1.0
Specified circuit board :
114.3
×76.1× 1.6mm3
glass epoxy board
Ambient temperature, Ta -- C
1.5
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
VCO
(NC)
FG
SGND
MCOM
PGND
RD
UOUT
CX
C1
C2
FC2
FC1
VOH
REG
VCC
RF
(NC)
WOUT
13
14
16
15
(NC)
(NC)
VOUT
(NC)
(NC)
(NC)
(NC)
(NC)
(NC)


Número de pieza similar - LB11685VH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB11685VH SANYO-LB11685VH Datasheet
184Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
More results

Descripción similar - LB11685VH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LB11685AV-TLM-H ONSEMI-LB11685AV-TLM-H Datasheet
113Kb / 7P
   3-phase sensor less Motor driver
May, 2013
logo
Sanyo Semicon Device
LV8806GQ SANYO-LV8806GQ Datasheet
242Kb / 6P
   3-phase sensor-less Motor Driver IC
logo
List of Unclassifed Man...
AM2355N ETC1-AM2355N Datasheet
358Kb / 11P
   3-phase Sensor-less Fan Motor Driver
OCT. 2013 V1.2
logo
ON Semiconductor
LV8806QA ONSEMI-LV8806QA Datasheet
338Kb / 8P
   3-phase sensor-less Motor Driver IC
April, 2013
logo
AMtek SEMICONDUCTORS CO...
AM8919 AMTEK-AM8919 Datasheet
336Kb / 12P
   3-phase Sensor-less Fan Motor Driver
Jul. 2014 V1.11
AM2355N AMTEK-AM2355N Datasheet
358Kb / 11P
   3-phase Sensor-less Fan Motor Driver
OCT. 2013 V1.2
logo
Princeton Technology Co...
PT2432 PTC-PT2432 Datasheet
539Kb / 6P
   3-Phase Sensor-less BLDC Motor Driver
logo
Sanyo Semicon Device
LB11685AV SANYO-LB11685AV Datasheet
182Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
LB11685VH SANYO-LB11685VH Datasheet
184Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
logo
Anpec Electronics Corop...
APX9365D ANPEC-APX9365D Datasheet
611Kb / 14P
   Three-Phase Sensor-Less Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com