Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB11899J Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza LB11899J
Descripción Electrónicos  Three-in-One Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11899J Datasheet(HTML) 5 Page - ON Semiconductor

  LB11899J Datasheet HTML 1Page - ON Semiconductor LB11899J Datasheet HTML 2Page - ON Semiconductor LB11899J Datasheet HTML 3Page - ON Semiconductor LB11899J Datasheet HTML 4Page - ON Semiconductor LB11899J Datasheet HTML 5Page - ON Semiconductor LB11899J Datasheet HTML 6Page - ON Semiconductor LB11899J Datasheet HTML 7Page - ON Semiconductor LB11899J Datasheet HTML 8Page - ON Semiconductor LB11899J Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LB11899J
No.A2229-5/16
Block Diagram
Soft switching
Drive
VCO
PLL
Divider
TSD
Upper saturation prevention control
Mask Circuit
Timing
control
Start control
circuit
Rotor position
Detector circuit
DCOM
DUOUT
DVOUT
DWOU
DRS
0.5
CX
VCOIN
PGIN+
1k
200
0.1μ
DCTL
DFC
C2
C1
BFGO
PGO1
PGO2
PGIN-
200
200
LIN
LGND
LOUT2
LOUT1
560k
0.47μ
0.022μ
2200p
2200p
0.022μF
FRC
VCC
TSD
HU+
HU-
HV+
HV-
HW+
HW-
CRSP
OSC
MATRIX
&
LOGIC
PWM
680pF
R
S
Q
SGND
CMGND
CRS
CVCO
CUOUT
CVOUT
CWOUT
VCC
CCTL
CFGS
CFGIN-
CFGOUT
2k
62k
VCC
2.5k
2.5k
LVCO
CILIM
Regulator
20k
10P
DVCO


Número de pieza similar - LB11899J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
LB11815AG-15-AA3 UTC-LB11815AG-15-AA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TA3 UTC-LB11815AG-15-TA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TN3 UTC-LB11815AG-15-TN3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TQ2 UTC-LB11815AG-15-TQ2 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-18-AA3 UTC-LB11815AG-18-AA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
More results

Descripción similar - LB11899J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
SA56202 PHILIPS-SA56202 Datasheet
117Kb / 24P
   One-chip motor driver
Rev. 01-19 July 2004
logo
STMicroelectronics
L634 STMICROELECTRONICS-L634 Datasheet
469Kb / 10P
   THREE PHASE MOTOR DRIVER
L6234 STMICROELECTRONICS-L6234 Datasheet
116Kb / 10P
   THREE PHASE MOTOR DRIVER
L6234PD013TR STMICROELECTRONICS-L6234PD013TR Datasheet
510Kb / 16P
   Three phase motor driver
L6234 STMICROELECTRONICS-L6234_V01 Datasheet
494Kb / 16P
   Three phase motor driver
Rev 10
logo
Sanyo Semicon Device
LB1988N SANYO-LB1988N Datasheet
92Kb / 9P
   Three-Phase Sensorless Motor Driver Loading Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2182 AMTEK-AM2182 Datasheet
370Kb / 12P
   One Channel Reversible Motor Driver
Mar, 2014 V1.1
logo
Sanyo Semicon Device
LB11880 SANYO-LB11880 Datasheet
91Kb / 9P
   Three-Phase Sensorless Motor Driver with Loading Motor Driver
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
   Three-Phase Sensorless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com