Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB11868V Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza LB11868V
Descripción Electrónicos  Variable Speed Single-phase Full-wave Pre-driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11868V Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LB11868V Datasheet HTML 2Page - ON Semiconductor LB11868V Datasheet HTML 3Page - ON Semiconductor LB11868V Datasheet HTML 4Page - ON Semiconductor LB11868V Datasheet HTML 5Page - ON Semiconductor LB11868V Datasheet HTML 6Page - ON Semiconductor LB11868V Datasheet HTML 7Page - ON Semiconductor LB11868V Datasheet HTML 8Page - ON Semiconductor LB11868V Datasheet HTML 9Page - ON Semiconductor LB11868V Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LB11868V
No.A1915-6/11
*6. CPWM pin
Pin to connect the capacitor for generation of the PWM basic frequency
The use of CP = 220pF causes oscillation at f = 30kHz (typical), which is the basic frequency of PWM.
As this is used also for the current limiting canceling signal, ON-time start function and Soft start function, be sure to
connect the capacitor even when the speed control is not made.
*7. RMI pin
Minimum speed setting pin.
Perform pull-up with REG when this pin is not to be used.
If the IC power supply is likely to be turned OFF first when the pin is used with external power supply, be sure to
insert the current limiting resistor to prevent inflow of large current. (The same applies to the VTH pin.)
*8. VTH pin
Speed control pin.
Connect this pin to GND when it is not used (at full speed).
For the control method, refer to the timing chart.
For control with pulse input, insert the current limiting resistor and use the pin with the frequency of 20kHz to 100kHz
(20kHz to 50kHz recommended).
*9. SENSE pin
Current limiting detection pin.
When the pin voltage exceeds VLIM, the current is limited and the operation enters the lower regeneration mode.
Connect this pin to GND when it is not to be used.
*10. FG pin
Rotational speed detection pin.
Open collector output that can detect rotational speeds by the FG output in response to the phase switching signal.
Keep this pin open when it is not to be used.
It is recommended that a current-limiting resistor with a resistance of 1kΩ or more be inserted in order to protect the
pin during unplugging and plugging the connector or when mistakes are made in connection.
*11. RD pin
Lock detection pin
In open collector output, L upon rotation and H when locked (using pull-up resistance).
Keep this pin open when it is not to be used.
*12. CT pin
Pin to connect the lock detection capacitor.
The constant-current charge and discharge circuits incorporated cause locking when the pin voltage becomes VCTH
and unlocking when it is VCTL.
Connect the pin to GND when it is not to be used (locking not necessary).
*13. S-S pin
Pin to connect the soft-start setting capacitor.
Connect the capacitor between REG and S-S pin.
This pin enables setting of the soft start time according to the capacity of the capacitor.
See the timing char.
Connect the pin to GND when it is not to be used.
*14. OTS pin
Pin to connect the ON-time start setting capacitor.
A constant-current charging circuit and a discharging circuit based on the control duty ratio are incorporated, and
when the pin voltage exceeds VOTS, the CT pin is discharged and the S-S pin is charged.
Connect the pin to GND when it is not to be used (when the lowest speed setting is used).


Número de pieza similar - LB11868V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB11868V SANYO-LB11868V Datasheet
264Kb / 11P
   Monolithic Digital IC For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
ON Semiconductor
LB11868V ONSEMI-LB11868V Datasheet
263Kb / 14P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 1
LB11868V-TLM-H ONSEMI-LB11868V-TLM-H Datasheet
263Kb / 14P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 1
LB11868V-W-AH ONSEMI-LB11868V-W-AH Datasheet
263Kb / 14P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 1
LB11868V ONSEMI-LB11868V_18 Datasheet
263Kb / 14P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 1
More results

Descripción similar - LB11868V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LB11867FV ONSEMI-LB11867FV Datasheet
196Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11867RV ONSEMI-LB11867RV Datasheet
202Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
logo
Unisonic Technologies
F2867 UTC-F2867 Datasheet
196Kb / 6P
   VARIABLE SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV Datasheet
440Kb / 9P
   Variable Speed Single-phase Full-wave Pre-driver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com