Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMH6601 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMH6601
Descripción Electrónicos  CMOS Operational Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6601 Datasheet(HTML) 5 Page - Texas Instruments

  LMH6601 Datasheet HTML 1Page - Texas Instruments LMH6601 Datasheet HTML 2Page - Texas Instruments LMH6601 Datasheet HTML 3Page - Texas Instruments LMH6601 Datasheet HTML 4Page - Texas Instruments LMH6601 Datasheet HTML 5Page - Texas Instruments LMH6601 Datasheet HTML 6Page - Texas Instruments LMH6601 Datasheet HTML 7Page - Texas Instruments LMH6601 Datasheet HTML 8Page - Texas Instruments LMH6601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LMH6601, LMH6601-Q1
www.ti.com
SNOSAK9F – JUNE 2006 – REVISED JUNE 2015
Electrical Characteristics, 5 V (continued)
Single-Supply with VS= 5 V, AV = +2, RF = 604 Ω, SD tied to V
+, V
OUT = VS/2, RL = 150 Ω to V
unless otherwise specified.(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(2)
MAX(2)
UNIT
DISTORTION and NOISE PERFORMANCE
HD2
2 VPP, 10 MHz
−56
Harmonic Distortion (2nd)
dBc
HD2_1
4 VPP, 10 MHz, RL = 1 kΩ to VS/2
−61
HD3
2 VPP, 10 MHz
−73
Harmonic Distortion (3rd)
dBc
HD3_1
4 VPP, 10 MHz, RL = 1 kΩ to VS/2
−64
THD
Total Harmonic Distortion
4 VPP, 10 MHz, RL = 1 kΩ to VS/2
−58
VN1
>10 MHz
7
Input Voltage Noise
nV/
√Hz
VN2
1 MHz
10
IN
Input Current Noise
>1 MHz
50
fA/
√Hz
STATIC, DC PERFORMANCE
±1
±2.4
VIO
Input Offset Voltage
mV
At temperature extremes
±5
DVIO
Input Offset Voltage Average Drift
See (3)
−5
μV/°C
IB
Input Bias Current
See (4)
5
50
pA
IOS
Input Offset Current
See (4)
2
25
pA
RIN
Input Resistance
0 V
≤ VIN ≤ 3.5 V
10
T
CIN
Input Capacitance
1.3
pF
55
59
Positive Power Supply Rejection
+PSRR
DC
dB
At temperature
Ratio
51
extremes
53
61
Negative Power Supply Rejection
−PSRR
DC
dB
At temperature
Ratio
50
extremes
56
68
CMRR
Common-Mode Rejection Ratio
DC
dB
At temperature
53
extremes
CMRR > 50 dB (At temperature
CMVR
Input Voltage Range
V– 0.20
V+ – 1.5
V
extremes)
9.6
11.5
Normal Operation
mA
At temperature
VOUT = VS/2
13.5
ICC
Supply Current
extremes
Shutdown
100
nA
SD tied to
≤ 0.5 V (5)
–210
–190
VOH1
RL = 150 Ω to V
At temperature
–480
extremes
Output High Voltage
VOH2
RL = 75 Ω to VS/2
–190
mV
(Relative to V+)
–60
–12
VOH3
RL = 10 kΩ to V
At temperature
–110
extremes
(3)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(4)
This parameter is ensured by design and/or characterization and is not tested in production.
(5)
SD logic is CMOS compatible. To ensure proper logic level and to minimize power supply current, SD should typically be less than 10%
of total supply voltage away from either supply rail.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6601 LMH6601-Q1


Número de pieza similar - LMH6601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6601 NSC-LMH6601 Datasheet
1Mb / 27P
   250 MHz, 2.4V CMOS Op Amp with Shutdown
LMH6601 NSC-LMH6601 Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601 TI1-LMH6601 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
LMH6601-Q1 TI1-LMH6601-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMH6601MG NSC-LMH6601MG Datasheet
1Mb / 27P
   250 MHz, 2.4V CMOS Op Amp with Shutdown
More results

Descripción similar - LMH6601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SG Micro Corp
SGM8926 SGMICRO-SGM8926 Datasheet
317Kb / 10P
   CMOS Operational Amplifier
SGM8067 SGMICRO-SGM8067_15 Datasheet
298Kb / 7P
   CMOS Operational Amplifier
logo
ELM Electronics
ELM852-SERIES ELM-ELM852-SERIES Datasheet
934Kb / 9P
   CMOS operational amplifier
logo
Texas Instruments
OPA373 TI1-OPA373_16 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
logo
ELM Technology Corporat...
ELM842B ELM-TECH-ELM842B Datasheet
67Kb / 4P
   CMOS Operational amplifier
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS Dual Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   RRIO CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com