Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMSRW-786.5-NZ Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AMSRW-786.5-NZ
Descripción Electrónicos  Up to 12 Watt | DC-DC Switching Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMSRW-786.5-NZ Datasheet(HTML) 1 Page - AIMTEC

  AMSRW-786.5-NZ Datasheet HTML 1Page - AIMTEC AMSRW-786.5-NZ Datasheet HTML 2Page - AIMTEC AMSRW-786.5-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AMSRW-78-NZ
Up to 12 Watt | DC-DC Switching Regulator
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.B
1 of 3
North America only
FEATURES:
 3 Pin SIP Package
 Operating temperature -40°C to +85°C
Pin-out compatible with LM78XX Linear Regulators
Wide input range up to 8:1
 Short Circuit Protection
Very High Efficiency Up To 91%
 Non-Isolated Regulated Outputs
 Soft Start
 Low ripple and noise
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Efficiency
Vin Min
(%)
Efficiency
Vin Max
(%)
AMSRW-783.3-NZ
9 ~ 72
3.3
500
82
75
AMSRW-7805-NZ
9 ~ 72
5
500
87
81
AMSRW-786.5-NZ
9 ~ 72
6.5
500
91
84
AMSRW-7812-NZ
17 ~ 72
12
500
93
89
AMSRW-7824-NZ
36 ~ 72
24
500
95
91
90 Degree Angle Pins Version (L)
AMSRW-783.3L-NZ
9 ~ 72
3.3
500
82
75
AMSRW-7805L-NZ
9 ~ 72
5
500
87
81
AMSRW-7812L-NZ
17 ~ 72
12
500
93
89
AMSRW-7815L-NZ
20 ~ 72
15
500
94
90
AMSRW-7824L-NZ
36 ~ 72
24
500
95
91
Input Specifications
Input Specifications
Nominal
Typical
Maximum
Units
Voltage range
See the table above
VDC
Quiescent Current
Vin= Nom, min load
1
5
mA
Short Circuit consumption
Vin = Nominal
0.72
1.2
W
Output Specifications
Output Specifications
Conditions
Typical
Maximum
Units
Voltage accuracy
100% load
±2
±3
%
Short Circuit protection
Continuous.
Short circuit restart
Auto recovery
Output current limit
1.2
A
Dynamic load stability
10-100% load, 1 / 1.5ms
±100
mV
Line voltage regulation
Vin=(LL-HL) at full load
±0.4
±1
%
Load voltage regulation
10-100% load
±0.3
±0.6
%
Temperature coefficient
-40°C to +85°C ambient
±0.015
%/oC
Ripple & Noise
20MHz Bandwidth
(10-100% load)
60
mV p-p
Maximum Capacitive Load
100
µF
General Specifications
Input Specifications
Conditions
Minimum
Maximum
Units
Switching frequency
100% load
120
800
KHz
Operating temperature
With derating above 71°C
-40 to +85
oC
Storage temperature
-55 to +125
oC
Max Case temperature
100
oC
Cooling
Free air convection
Humidity
95
%
Click on Series name for product info on aimtec.com


Número de pieza similar - AMSRW-786.5-NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMSRW-786.5-NZ AIMTEC-AMSRW-786.5-NZ Datasheet
141Kb / 3P
   Up to 12 Watt | DC-DC Switching Regulator
More results

Descripción similar - AMSRW-786.5-NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMSRW-78-NZ AIMTEC-AMSRW-78-NZ_16 Datasheet
141Kb / 3P
   Up to 12 Watt | DC-DC Switching Regulator
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ_13 Datasheet
280Kb / 3P
   Up to 12 Watt | DC-DC Switching Regulator
AMSRL1-78-JZ AIMTEC-AMSRL1-78-JZ Datasheet
407Kb / 6P
   Up to 12 Watt | DC-DC Switching Regulator
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ_16 Datasheet
286Kb / 3P
   Up to 12 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_16 Datasheet
358Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRW-78Z AIMTEC-AMSRW-78Z_16 Datasheet
321Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSR1-78Z AIMTEC-AMSR1-78Z_12 Datasheet
109Kb / 3P
   Up to 5 Watt | DC-DC Switching Regulator
AMSR2-78-NZ AIMTEC-AMSR2-78-NZ_12 Datasheet
143Kb / 4P
   Up to 13 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_12 Datasheet
135Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_13 Datasheet
325Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com