Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54ABT373J-QML Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza 54ABT373J-QML
Descripción Electrónicos  Octal Transparent Latch with TRI-STATE Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT373J-QML Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54ABT373J-QML Datasheet HTML 1Page - National Semiconductor (TI) 54ABT373J-QML Datasheet HTML 2Page - National Semiconductor (TI) 54ABT373J-QML Datasheet HTML 3Page - National Semiconductor (TI) 54ABT373J-QML Datasheet HTML 4Page - National Semiconductor (TI) 54ABT373J-QML Datasheet HTML 5Page - National Semiconductor (TI) 54ABT373J-QML Datasheet HTML 6Page - National Semiconductor (TI) 54ABT373J-QML Datasheet HTML 7Page - National Semiconductor (TI) 54ABT373J-QML Datasheet HTML 8Page - National Semiconductor (TI) 54ABT373J-QML Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature
−65˚C to +150˚C
Ambient Temperature under Bias
−55˚C to +125˚C
Junction Temperature under Bias
Ceramic
−55˚C to +175˚C
V
CC Pin Potential to
Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Any Output
in the Disabled or
Power-Off State
−0.5V to +5.5V
in the HIGH State
−0.5V to V
CC
Current Applied to Output
in LOW State (Max)
twice the rated I
OL (mA)
Over Voltage Latchup (I/O)
10V
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
−55˚C to +125˚C
Supply Voltage
Military
+4.5V to +5.5V
Minimum Input Edge Rate
(
∆V/∆t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Note 1: Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired. Functional operation under these
conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol
Parameter
ABT373
Units
VCC
Conditions
Min
Typ
Max
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH Voltage
54ABT
2.5
IOH = −3 mA
54ABT
2.0
V
Min
IOH = −24 mA
VOL
Output LOW Voltage
54ABT
0.55
V
Min
IOL = 48 mA
IIH
Input HIGH Current
5
µA
Max
VIN = 2.7V (Note 4)
5VIN = VCC
IBVI
Input HIGH Current Breakdown Test
7
µA
Max
VIN = 7.0V
IIL
Input LOW Current
−5
µA
Max
VIN = 0.5V (Note 4)
−5
VIN = 0.0V
VID
Input Leakage Test
4.75
V
0.0
IID = 1.9 µA
All Other Pins Grounded
IOZH
Output Leakage Current
50
µA
0 − 5.5V
VOUT = 2.7V; OE = 2.0V
IOZL
Output Leakage Current
−50
µA
0 − 5.5V
VOUT = 0.5V; OE = 2.0V
IOS
Output Short-Circuit Current
−100
−275
mA
Max
VOUT = 0.0V
ICEX
Output High Leakage Current
50
µA
Max
VOUT = VCC
IZZ
Bus Drainage Test
100
µA
0.0
VOUT = 5.5V; All Others GND
ICCH
Power Supply Current
50
µA
Max
All Outputs HIGH
ICCL
Power Supply Current
30
mA
Max
All Outputs LOW
ICCZ
Power Supply Current
50
µA
Max
OE = VCC
All Others at VCC or GND
ICCT
Additional ICC/Input
Outputs Enabled
2.5
mA
VI = VCC − 2.1V
Outputs TRI-STATE
2.5
mA
Max
Enable Input VI = VCC − 2.1V
Outputs TRI-STATE
2.5
mA
Data Input VI = VCC − 2.1V
All Others at VCC or GND
ICCD
Dynamic ICC
No Load
mA/
Max
Outputs Open, LE = VCC
(Note 4)
0.12
MHz
OE = GND, (Note 3)
One Bit Toggling, 50% Duty Cycle
Note 3: For 8 bits toggling, ICCD < 0.8 mA/MHz.
Note 4: Guaranteed, but not tested.
3
www.national.com


Número de pieza similar - 54ABT373J-QML

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54ABT373 NSC-54ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDCQB NSC-54ABT373CDCQB Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDCX NSC-54ABT373CDCX Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDMQB NSC-54ABT373CDMQB Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDMX NSC-54ABT373CDMX Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
More results

Descripción similar - 54ABT373J-QML

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
   Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT373 NSC-54FCT373 Datasheet
146Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
JM54AC373BRA TI-JM54AC373BRA Datasheet
211Kb / 12P
[Old version datasheet]   54AC373 54ACT373 Octal Transparent Latch with TRI-STATE Outputs
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
   Octal D-Type Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com