Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMV358Q3MAX/NOPB Datasheet(PDF) 7 Page - Texas Instruments |
|
|
LMV358Q3MAX/NOPB Datasheet(HTML) 7 Page - Texas Instruments |
7 / 52 page LMV321-N, LMV321-N-Q1, LMV358-N LMV358-N-Q1, LMV324-N, LMV324-N-Q1 www.ti.com SNOS012J – AUGUST 2000 – REVISED DECEMBER 2014 7.9 5-V AC Electrical Characteristics Unless otherwise specified, all limits specified for TJ = 25°C, V + = 5 V, V− = 0 V, V CM = 2.0 V, VO = V +/2 and R L > 1 MΩ. PARAMETER TEST CONDITIONS MIN(1) TYP(2) MAX(1) UNIT SR Slew Rate (3) 1 V/µs GBWP Gain-Bandwidth Product CL = 200 pF 1 MHz Φm Phase Margin 60 Deg Gm Gain Margin 10 dB en Input-Referred Voltage Noise f = 1 kHz 39 in Input-Referred Current Noise f = 1 kHz 0.21 (1) All limits are ensured by testing or statistical analysis. (2) Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production material. (3) Connected as voltage follower with 3-V step input. Number specified is the slower of the positive and negative slew rates. Copyright © 2000–2014, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1 |
Número de pieza similar - LMV358Q3MAX/NOPB |
|
Descripción similar - LMV358Q3MAX/NOPB |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |