Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL081IDRE4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TL081IDRE4
Descripción Electrónicos  JFET-Input Operational Amplifiers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TL081IDRE4 Datasheet(HTML) 1 Page - Texas Instruments

  TL081IDRE4 Datasheet HTML 1Page - Texas Instruments TL081IDRE4 Datasheet HTML 2Page - Texas Instruments TL081IDRE4 Datasheet HTML 3Page - Texas Instruments TL081IDRE4 Datasheet HTML 4Page - Texas Instruments TL081IDRE4 Datasheet HTML 5Page - Texas Instruments TL081IDRE4 Datasheet HTML 6Page - Texas Instruments TL081IDRE4 Datasheet HTML 7Page - Texas Instruments TL081IDRE4 Datasheet HTML 8Page - Texas Instruments TL081IDRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
+
+
OFFSET N1
IN +
IN −
OUT
IN +
IN −
OUT
TL082 (EACH AMPLIFIER)
TL084 (EACH AMPLIFIER)
TL081
OFFSET N2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TL081, TL081A, TL081B, TL082, TL082A
TL082B, TL084, TL084A, TL084B
SLOS081I – FEBRUARY 1977 – REVISED MAY 2015
TL08xx JFET-Input Operational Amplifiers
1 Features
3 Description
The TL08xx JFET-input operational amplifier family is
1
Low Power Consumption: 1.4 mA/ch Typical
designed
to
offer
a
wider
selection
than
any
Wide Common-Mode and Differential Voltage
previously developed operational amplifier family.
Ranges
Each of these JFET-input operational amplifiers
Low Input Bias Current: 30 pA Typical
incorporates well-matched, high-voltage JFET and
bipolar transistors in a monolithic integrated circuit.
Low Input Offset Current: 5 pA Typical
The devices feature high slew rates, low input bias
Output Short-Circuit Protection
and
offset
currents,
and
low
offset-voltage
Low Total Harmonic Distortion: 0.003% Typical
temperature coefficient.
High Input Impedance: JFET Input Stage
Device Information(1)
Latch-Up-Free Operation
PART NUMBER
PACKAGE
BODY SIZE (NOM)
High Slew Rate: 13 V/
μs Typical
TL084xD
SOIC (14)
8.65 mm × 3.91 mm
Common-Mode Input Voltage Range
TL08xxFK
LCCC (20)
8.89 mm × 8.89 mm
Includes VCC+
TL084xJ
CDIP (14)
19.56 mm × 6.92 mm
TL084xN
PDIP (14)
19.3 mm × 6.35 mm
2 Applications
TL084xNS
SO (14)
10.3 mm × 5.3 mm
Tablets
TL084xPW
TSSOP (14)
5.0 mm × 4.4 mm
White goods
(1) For all available packages, see the orderable addendum at
Personal electronics
the end of the data sheet.
Computers
Schematic Symbol
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - TL081IDRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL081IDRE4 TI-TL081IDRE4 Datasheet
862Kb / 37P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081IDRE4 TI-TL081IDRE4 Datasheet
836Kb / 33P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081IDRE4 TI-TL081IDRE4 Datasheet
1,000Kb / 37P
[Old version datasheet]   JEET-INPUT OPERTIONAL AMPLIFERS
TL081IDRE4 TI-TL081IDRE4 Datasheet
949Kb / 37P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081IDRE4 TI-TL081IDRE4 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Descripción similar - TL081IDRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com