Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC141585 Datasheet(PDF) 8 Page - Motorola, Inc

No. de pieza MC141585
Descripción Electrónicos  LCD Monitor On-Screen Display II - 16 (LMOSD2-16) CMOS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141585 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC141585 Datasheet HTML 4Page - Motorola, Inc MC141585 Datasheet HTML 5Page - Motorola, Inc MC141585 Datasheet HTML 6Page - Motorola, Inc MC141585 Datasheet HTML 7Page - Motorola, Inc MC141585 Datasheet HTML 8Page - Motorola, Inc MC141585 Datasheet HTML 9Page - Motorola, Inc MC141585 Datasheet HTML 10Page - Motorola, Inc MC141585 Datasheet HTML 11Page - Motorola, Inc MC141585 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
MC141585
8
MOTOROLA
- C means column byte.
- I means data byte.
- In format (c), one dummy data byte(col 31) has
to be inserted after the row attribute data byte
(col 30) at end of each row, before the first
character attribute data byte of the next row.
To differentiate the row address for attribute/control regis-
ters from display area when transferring data, the most sig-
nificant three bits are set to ‘101’ to represent the row
address of the attribute/control registers, while ‘00X’ for col-
umn address used in format (a) or (b) and ‘01X’ for column
address used in format (c). There is some limitation on using
mix-formats during a single transmission. It is permissible to
change the format from (a) to (b), or from (a) to (c), or from
(b) to (a), but not from (c) back to (a) or (b).
Figure 7. Data Packet for Attribute/Control Data
Figure 8. Address Bit Patterns for Attribute/Control Data
MEMORY MANAGEMENT
All the internal programmable area can be divided into
two parts including (1) Display Registers (2) Attribute/Control
Registers. Please refer to the following two figures for the
corresponding memory map.
Figure 9. Memory Map of Display Registers
Internal display RAM are addressed with row and column
(coln) number in sequence. As the display area is 15 rows
by 30 columns, the related display registers are also 15 by
30. The space between row 0 and coln 0 to row 14 and coln
29 are called Display registers, with each contains a charac-
ter/symbol address corresponding to display location on
monitor screen. And each register is 8-bit wide to identify the
selected character/symbol out of 256 logical selected ROM
fonts.
Figure 10. Memory Map of Attribute/Control Registers
Besides the font selection, there is 3-bit attribute associ-
ated with each symbol to identify its color and 3-bit to define
its background. Because of 3-bit attribute, each character
can select any color out of 8 independently on the same row.
as well as background. Every data row associate with one
attribute register, which locate at coln 30 of their respective
row addr
col addr
info
ADDRESS
ROW
COLUMN
COLUMN
X: don’t care
D: valid data
FORMAT
BIT
0
1
2
3
4
5
6
7
D
D
D
D
D
1
0
1
D
D
D
D
D
X
0
0
D
D
D
D
D
X
1
0
a, b
a, b, c
c
CHARACTER ATTRIBUTE REGISTERS
29 30
0
0
14
WINDOW 1 ~ WINDOW 4
FRAME CRTL REG
15
0
11 12
19
27 28
WINDOW/FRAME CONTROL REGISTERS
31
18
RESERVED
16
0
SPECIAL CONTROL REGISTERS
CONFIG
1
HATCH
2
WIND. SHDW COLOR
PAGE
34
HOR. DELAY
5
DISPLAY REGISTERS
COLUMN
29
0
0
14
27 28
CHARACTER ATTRIBUTE REGISTERS
COLUMN
29 30
0
0
14
WINDOW 1 ~ WINDOW 4
FRAME CRTL REG
15
011 12
19
27 28
WINDOW/FRAME CONTROL REGISTERS
31
18
RESERVED
16
0
SPECIAL CONTROL REGISTERS
CONFIG
1
HATCH
2
WIND. SHDW COLOR
PAGE
3
4
HOR. DELAY
5


Número de pieza similar - MC141585

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC141501P MOTOROLA-MC141501P Datasheet
36Kb / 1P
   Single Chip Voice Memory System Low power Silicon-Gate CMOS
MC141502 MOTOROLA-MC141502 Datasheet
42Kb / 1P
   Tone operated Switch
MC141503 MOTOROLA-MC141503 Datasheet
42Kb / 1P
   Tone operated Switch
logo
NXP Semiconductors
MC141510 NXP-MC141510 Datasheet
9Mb / 126P
   8-Bit Microcontroller
logo
Motorola, Inc
MC141511A MOTOROLA-MC141511A Datasheet
285Kb / 17P
   LCD Segment Driver
More results

Descripción similar - MC141585

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
MTV118 ETC-MTV118 Datasheet
291Kb / 30P
   On-Screen-Display for LCD Monitor
MTV121 ETC-MTV121 Datasheet
220Kb / 18P
   Super On-Screen-Display for LCD Monitor
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
MTV038 ETC1-MTV038 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
   On-Screen-Display Controller for CRT/LCD Monitor
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com