Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS3225 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza CS3225
Descripción Electrónicos  Typical Performance Characteristics
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

CS3225 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CS3225 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS3225 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS3225 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS3225 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS3225 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS3225 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS3225 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
8
MULTI-LAYER CERAMIC CAPACITORS
TYPE DESIGNATION (HOW TO ORDER)
(HOW TO ORDER)
DIMENSIONS BY TYPE
Radial & Axial
RADIAL
AXIAL
TYPE
TYPE
CR051A
CR051B
CR051D
CR077B
CR077D
2.5
5.0
7.6
5.0
7.6
P
H
(max)
L
(max)
W
(max)
H
(max)
L
(max)
W
(max)
ßj
d
ßj
d
T
(max)
6.4
9.2
10.2
5.1
7.7
5.1
7.6
CA2633
CA2644
CA2666
3.3
4.4
6.6
0.5
3.2
2.6
25
0.5
(Unit : mm)
CAPACITANCE CODE
THIS IS EXPRESSED IN PICOFARADS THE FIRST DIGITS
ARE SIGNIFICANT FIGURES. THE THIRD IS THE NUMBER
OF ZEROS.
PACKING CODE
B°™
BULK PACK
R°™
REEL PACK
F°™
FLAT PACK
TYPE CODE
SEE DIMENSIONS.
VOLTAGE RATING.
THE D.C WORKING VOLTAGE RATING AT MAXIMUM
OPERATING TEMPERATURE THE FIRST TWO DIGITS
ARE SIGNIFICANT FIGURES, THE THIRD IS THE NUMBER
OF ZEROS
EIA TEMPERATURE CHARACTERISTICS
EIA
Characteristic
Maximum Capacitance Change Over
Temperature Range
Temperature
Range
Z5U
X7R
COG(NPO)
Y5V
+10°…
to + 85°…
- 55°…
to + 125°…
- 55°…
to + 125°…
- 30°…
to + 85°…
-56% + 22%
°æ
15%
0°æ
30ppm/°…
-82%+22%
TOLERANCE CODE
¶I
B = °æ
0.1 pF
¶I
C = °æ
0.25 pF
¶I
D = °æ
0.5 pF
F = °æ
1%
G= °æ
2%
J = °æ
5%
K = °æ
10%
M= °æ
220%
Z = + 80°©
20%
P = +100°©
0%
¶I
For capacitance values
Below 10 pF only.
CR
CA
051B
2644
X7R
Z5U
104
104
M
M
B
R
500
500


Número de pieza similar - CS3225

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CS322 ETC1-CS322 Datasheet
103Kb / 1P
   DUAL DIGIT DISPLAY
CS322E ETC1-CS322E Datasheet
103Kb / 1P
   DUAL DIGIT DISPLAY
CS322G ETC1-CS322G Datasheet
103Kb / 1P
   DUAL DIGIT DISPLAY
CS322H ETC1-CS322H Datasheet
103Kb / 1P
   DUAL DIGIT DISPLAY
CS322Y ETC1-CS322Y Datasheet
103Kb / 1P
   DUAL DIGIT DISPLAY
More results

Descripción similar - CS3225

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CP576 CENTRAL-CP576 Datasheet
38Kb / 2P
   Typical Electrical Characteristics
logo
Panasonic Semiconductor
HHR-380A PANASONIC-HHR-380A Datasheet
118Kb / 1P
   Typical charge characteristics
logo
GOOD-ARK Electronics
GDSSF2301B GOOD-ARK-GDSSF2301B_15 Datasheet
293Kb / 4P
   TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
logo
Energizer
NH12-700 ENERGIZER-NH12-700 Datasheet
158Kb / 1P
   Typical Performance at 21C
logo
Kemet Corporation
T350F336K010AT KEMET-T350F336K010AT Datasheet
382Kb / 13P
   PERFORMANCE CHARACTERISTICS
T356J156K035AT KEMET-T356J156K035AT Datasheet
382Kb / 13P
   PERFORMANCE CHARACTERISTICS
T356B475K016AT KEMET-T356B475K016AT Datasheet
382Kb / 13P
   PERFORMANCE CHARACTERISTICS
T322F226K050AS KEMET-T322F226K050AS Datasheet
197Kb / 19P
   PERFORMANCE CHARACTERISTICS
logo
Linear Integrated Syste...
SD210DET LINEAR-SD210DET Datasheet
163Kb / 2P
   N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
SD211T LINEAR-SD211T Datasheet
220Kb / 4P
   N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com