Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMLS14PTT86 Datasheet(PDF) 3 Page - Rohm

No. de pieza SMLS14PTT86
Descripción Electrónicos  Narrow directivity and high brightness
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SMLS14PTT86 Datasheet(HTML) 3 Page - Rohm

  SMLS14PTT86 Datasheet HTML 1Page - Rohm SMLS14PTT86 Datasheet HTML 2Page - Rohm SMLS14PTT86 Datasheet HTML 3Page - Rohm SMLS14PTT86 Datasheet HTML 4Page - Rohm SMLS14PTT86 Datasheet HTML 5Page - Rohm SMLS14PTT86 Datasheet HTML 6Page - Rohm SMLS14PTT86 Datasheet HTML 7Page - Rohm SMLS14PTT86 Datasheet HTML 8Page - Rohm SMLS14PTT86 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-S1 Series
lElectrical Characteristics Curves
 
100
10
2.0
2.5
3.0
3.5
4.0
1
0
5
10
25
15
30
20
1.5
1.0
0.5
0
-40
-20
0
20
40
60
80
100
0.6
1.4
1.2
1.0
0.8
0
40
30
20
10
-40
-20
0
20
40
60
80
100
Fig.1 Forward Current - Forward Voltages
FORWARD VOLTAGE : V
F [V]
Fig.2 Luminous Intensity -
Atmosphere Temperature
ATMOSPHERE TEMPERATURE : Ta [ºC]
Fig.3 Luminous Intensity - Forward Current
FORWARD CURRENT : I
F [mA]
Fig.4 Derating
AMBIENT TEMPERATURE : Ta [ºC]
Ta=25ºC
Ta=25ºC
I
F=20mA
SMLS14EET
SMLS14BET
SMLS14EET
SMLS14BET
SMLS14EET
SMLS14BET
SMLS14EET
SMLS14BET
3/8
2014.12 - Rev.B


Número de pieza similar - SMLS14PTT86

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SMLS14BET ROHM-SMLS14BET Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
SMLS14BNTT68 ROHM-SMLS14BNTT68 Datasheet
1Mb / 17P
   Blue Surface Mount Chip LEDs featuring with lens InGaN packed with transparent colorless resin.
2022.8 - Rev.002
SMLS14EET ROHM-SMLS14EET Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
More results

Descripción similar - SMLS14PTT86

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
BL15-1212H KODENSHI-BL15-1212H Datasheet
113Kb / 3P
   narrow directivity
logo
Sanken electric
SEL2015 SANKEN-SEL2015 Datasheet
26Kb / 1P
   3phi Round Narrow-directivity LED
SEL1015 SANKEN-SEL1015 Datasheet
24Kb / 1P
   5f Round Narrow-directivity LED
SEL1050M SANKEN-SEL1050M Datasheet
26Kb / 1P
   5phi Round Narrow-directivity LED (Direct Mount)
logo
Sharp Corporation
PT481FE0000F SHARP-PT481FE0000F Datasheet
826Kb / 9P
   Opaque Resin, Narrow Directivity Angle, Darlington Phototransistor
logo
Sanken electric
SEL6015 SANKEN-SEL6015 Datasheet
25Kb / 1P
   3phi Round Narrow-directivity LED (Direct Mount)
logo
Anaren Microwave
X3C09P1-04S ANAREN-X3C09P1-04S Datasheet
927Kb / 19P
   High Directivity
logo
Sharp Corporation
PT483F1E000F SHARP-PT483F1E000F Datasheet
789Kb / 9P
   Opaque Resin, Narrow Directivity Angle, Long Terminal Darlington Phototransistor
logo
Marki Microwave
CBR17-0026 MARKIMICROWAVE-CBR17-0026 Datasheet
213Kb / 2P
   HIGH DIRECTIVITY BRIDGE COUPLER
CBR16-0003 MARKIMICROWAVE-CBR16-0003 Datasheet
463Kb / 2P
   HIGH DIRECTIVITY BRIDGE COUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com