Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMN30H4D0LFDE-7 Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza DMN30H4D0LFDE-7
Descripción Electrónicos  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN30H4D0LFDE-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN30H4D0LFDE-7 Datasheet HTML 1Page - Diodes Incorporated DMN30H4D0LFDE-7 Datasheet HTML 2Page - Diodes Incorporated DMN30H4D0LFDE-7 Datasheet HTML 3Page - Diodes Incorporated DMN30H4D0LFDE-7 Datasheet HTML 4Page - Diodes Incorporated DMN30H4D0LFDE-7 Datasheet HTML 5Page - Diodes Incorporated DMN30H4D0LFDE-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN30H4D0LFDE
Document number: DS36380 Rev. 4 - 2
4 of 6
www.diodes.com
May 2014
© Diodes Incorporated
DMN30H4D0LFDE
-50 -25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 7 On-Resistance Variation with Temperature
J
°
0
1
2
3
4
5
6
7
8
V=
V
I= 1A
GS
D
10
V=
V
I = 200mA
GS
D
2.7
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 8 Gate Threshold Variation vs. Ambient Temperature
J
°
0
0.2
0.4
0.6
0.8
1.2
1.4
1.6
1.8
2.0
1.0
I= 1mA
D
I = 250µA
D
V , SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
0
0.2
0.4
0.6
0.8
0
0.3
0.6
0.9
1.2
1.5
1.0
T = 125°C
A
T= 85°C
A
T = 150°C
A
T = -55°C
A
T= 25°C
A
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
1
10
100
1000
010
20
30
40
Ciss
f = 1MHz
Coss
Crss
Q(nC)
g, TOTAL GATE CHARGE
Figure 11 Gate Charge
0
1
2
3
4
5
6
7
8
9
01
23
4
5
6
7
10
V
= 192V
I=
A
DS
D
0.5


Número de pieza similar - DMN30H4D0LFDE-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMN30H4D0L DIODES-DMN30H4D0L Datasheet
383Kb / 6P
   Low Gate Threshold Voltage
DMN30H4D0L-13 DIODES-DMN30H4D0L-13 Datasheet
383Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN30H4D0L-13 DIODES-DMN30H4D0L-13 Datasheet
383Kb / 6P
   Low Gate Threshold Voltage
DMN30H4D0L-7 DIODES-DMN30H4D0L-7 Datasheet
383Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN30H4D0L-7 DIODES-DMN30H4D0L-7 Datasheet
383Kb / 6P
   Low Gate Threshold Voltage
More results

Descripción similar - DMN30H4D0LFDE-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com