Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

K102 Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

No. de pieza K102
Descripción Electrónicos  Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

K102 Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  K102 Datasheet HTML 1Page - KODENSHI_AUK CORP. K102 Datasheet HTML 2Page - KODENSHI_AUK CORP. K102 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Photocoupler
K101 • K102 • K104
3/3
Ambient Temperature Ta (℃ )
Forward Current vs.
Ambient Temperature
0
-20
0
20
10
20
40
30
50
Collector Current vs.
Forward Current
Forward Current IF (mA)
40
60
100
0.1
1
0.1
1
100
10
Collector-Emitter Voltage VCE (V)
Collector Current vs.
Collector-Emitter Voltage
0
2
4
6
8
10
80
Ambient Temperature Ta (℃ )
0
0.001
0.01
40
20
0.1
1
80
60
100
Dark Current vs.
Ambient Temperature
Collector Power Dissipation vs.
Ambient Temperature
-20
0
50
100
150
200
250
Ambient Temperature Ta (℃ )
20
0
60
40
100
80
100
0.001
0.01
10
10
20
30
40
0
40
20
80
60
Ambient Temperature Ta (℃ )
Collector Current vs.
Ambient Temperature
10
0
1
100
Output
Input
Test Circuit
VIN
R
RL
VO
VCC
Wave form
10%
90%
Switching Time Test Circuit
tr
tf
-20
Ta=25℃
IF=30mA
IF=20mA
IF=10mA
IF=5mA
IF=1mA
PC(max.)
VCE=24V
IF=20mA
IF=10mA
IF=5mA
IF=1mA
Ta=25℃
VCE =5V
Forward Voltage VF (V)
0.4
Forward Current vs.
Forward Voltage
20
0
60
40
100
80
1.6
Ta=25℃
Ta=70℃
0.8
Ta=-55℃
1.2
Response Time vs.
Load Resistance
Load Resistance RL (㏀)
500
100
10
0.1
1
0.1
VCE=5V
IC=2mA
Ta=25℃
tr
1.0
2.0
tf


Número de pieza similar - K102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
K10240-PROPLUS ETC2-K10240-PROPLUS Datasheet
5Mb / 64P
   T O TA L L A M P S O LU T I O N S
logo
Vishay Siliconix
K102J15C0GF5.H5 VISHAY-K102J15C0GF5.H5 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K102J15C0GF5.L2 VISHAY-K102J15C0GF5.L2 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K102J15C0GF53H5 VISHAY-K102J15C0GF53H5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
K102J15C0GF53L2 VISHAY-K102J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
More results

Descripción similar - K102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
PC-17K1 KODENSHI-PC-17K1 Datasheet
533Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N26 KODENSHI-K4N26 Datasheet
699Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N27 KODENSHI-K4N27 Datasheet
203Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N38 KODENSHI-K4N38 Datasheet
191Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K3610 KODENSHI-K3610 Datasheet
193Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
PC-17L1 KODENSHI-PC-17L1 Datasheet
288Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N25 KODENSHI-K4N25 Datasheet
256Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N35 KODENSHI-K4N35 Datasheet
157Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K301 KODENSHI-K301 Datasheet
203Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N28 KODENSHI-K4N28 Datasheet
224Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com