Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADT73502 Datasheet(PDF) 6 Page - ADTech

No. de pieza ADT73502
Descripción Electrónicos  internal soft-start function
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADTECH [ADTech]
Página de inicio  
Logo ADTECH - ADTech

ADT73502 Datasheet(HTML) 6 Page - ADTech

Back Button ADT73502 Datasheet HTML 2Page - ADTech ADT73502 Datasheet HTML 3Page - ADTech ADT73502 Datasheet HTML 4Page - ADTech ADT73502 Datasheet HTML 5Page - ADTech ADT73502 Datasheet HTML 6Page - ADTech ADT73502 Datasheet HTML 7Page - ADTech ADT73502 Datasheet HTML 8Page - ADTech ADT73502 Datasheet HTML 9Page - ADTech ADT73502 Datasheet HTML 10Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT7350
Aug 21. 2012 / Rev. 0.2
TYPICAL PERFORMANCE CHARACTERISTICS
VIN =12V, VOUT=3.3V, L1=4.7μH, C1=10 μF, C2=22 μF, TA =25°C, Unless otherwise noted
Transient Load Response
Iout=0.2A to 0.8A step at 0.8A/us
V
OUT (AC Coupled)
I
L
V
SW
No Load
EN
V
OUT
V
SW
I
L
Iout=1A Resistive Load
No Load
EN
Iout=1A Resistive Load
EN[1kHz]
Start-up through Enable
Shut down through Enable
Start-up through Enable
Shut down through Enable
Dimming control
V
SW
I
L
EN
V
OUT
V
SW
I
L
V
OUT
V
SW
I
L
V
OUT
EN
V
SW
I
L
V
OUT


Número de pieza similar - ADT73502

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ADTech
ADT7350 ADTECH-ADT7350 Datasheet
338Kb / 9P
   a step-down converter with integrated switching MOSFET
ADT7350 ADTECH-ADT7350_12 Datasheet
651Kb / 10P
   Step-down converter with integrated switching MOSFET
More results

Descripción similar - ADT73502

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
AAT1161 SKYWORKS-AAT1161 Datasheet
1Mb / 18P
   Soft Start Function
logo
Mechatronics, Inc.
MA1751 MECHATRONICS-MA1751 Datasheet
375Kb / 1P
   soft start function
logo
Unisonic Technologies
L1806G-SH2-R UTC-L1806G-SH2-R Datasheet
241Kb / 7P
   With internal Soft-Start
logo
STMicroelectronics
AST1S31HF STMICROELECTRONICS-AST1S31HF Datasheet
1Mb / 33P
   Internal soft-start and enable
March 2016 Rev 2
logo
Unisonic Technologies
UD05121G-AF5-R UTC-UD05121G-AF5-R Datasheet
243Kb / 7P
   Build-in soft start function
logo
Seiko Instruments Inc
S1335 SII-S1335 Datasheet
1Mb / 67P
   HIGH RIPPLE-REJECTION SOFT-START FUNCTION
logo
Unisonic Technologies
UD05202G-SH2-R UTC-UD05202G-SH2-R Datasheet
133Kb / 4P
   Internal soft-start limits the inrush current
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com