Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2901M Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2901M
Descripción Electrónicos  Low-Power Low-Offset Voltage Quad Comparators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2901M Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2901M Datasheet HTML 2Page - Texas Instruments LM2901M Datasheet HTML 3Page - Texas Instruments LM2901M Datasheet HTML 4Page - Texas Instruments LM2901M Datasheet HTML 5Page - Texas Instruments LM2901M Datasheet HTML 6Page - Texas Instruments LM2901M Datasheet HTML 7Page - Texas Instruments LM2901M Datasheet HTML 8Page - Texas Instruments LM2901M Datasheet HTML 9Page - Texas Instruments LM2901M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N
SNOSBJ3E – NOVEMBER 1999 – REVISED DECEMBER 2014
www.ti.com
6.5 Electrical Characteristics: LM139A, LM239A, LM339A, LM139
(V
+=5 V
DC, TA = 25°C
(1) unless otherwise stated)
LM139A
LM239A, LM339A
LM139
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
See(2)
1.0
2.0
1.0
2.0
2.0
5.0
mVDC
Input Bias Current
IIN(+) or IIN(−) with Output in
25
100
25
250
25
100
nADC
Linear Range(3), VCM=0 V
Input Offset Current
IIN(+) − IIN(−), VCM= 0 V
3.0
25
5.0
50
3.0
25
nADC
Input Common-Mode
V+=30 VDC (LM3302,
0
V+
−1.5
0
V+
−1.5
0
V+
−1.5
VDC
Voltage Range
V+ = 28 VDC)
(4)
Supply Current
(LM3302, V+ = 28 VDC), RL = ∞
0.8
2.0
0.8
2.0
0.8
2.0
mADC
on all Comparators
(LM3302, V+ = 28 VDC), RL =
1.0
2.5
1.0
2.5
mADC
∞, V+ = 36 V
Voltage Gain
RL≥15 kΩ, V
+ = 15 V
DC
50
200
50
200
50
200
V/mV
VO = 1 VDC to 11 VDC
Large Signal
VIN = TTL Logic Swing, VREF =
Response Time
1.4 VDC, VRL = 5 VDC,
300
300
300
ns
RL = 5.1 kΩ
Response Time
VRL = 5 VDC, RL = 5.1 kΩ
(5)
1.3
1.3
1.3
μs
Output Sink Current
VIN(−) = 1 VDC, VIN(+) = 0,
6.0
16
6.0
16
6.0
16
mADC
VO ≤ 1.5 VDC
Saturation Voltage
VIN(−) = 1 VDC, VIN(+) = 0,
250
400
250
400
250
400
mVDC
ISINK ≤ 4 mA
Output Leakage
VIN(+) = 1 VDC, VIN(−) = 0,
0.1
0.1
0.1
nADC
Current
VO = 5 VDC
Input Offset Voltage
See(2)
4.0
4.0
9.0
mVDC
Input Offset Current
IIN(+)−IIN(−), VCM = 0 V
100
150
100
nADC
Input Bias Current
IIN(+) or IIN(−) with Output in
300
400
300
nADC
Linear Range, VCM = 0 V
(3)
Input Common-Mode
V+=30 VDC (LM3302),
0
V+
−2.0
0
V+
−2.0
0
V+
−2.0
VDC
Voltage Range
V+ = 28 VDC)
(4)
Saturation Voltage
VIN(−)=1 VDC, VIN(+) = 0,
700
700
700
mVDC
ISINK ≤ 4 mA
Output Leakage
VIN(+) = 1 VDC, VIN(−) = 0,
Current
VO = 30 VDC, (LM3302,
1.0
1.0
1.0
μADC
VO = 28 VDC)
Differential Input
Keep all VIN's ≥ 0 VDC (or V
, if
36
36
36
VDC
Voltage
used)(6)
(1)
These specifications are limited to
−55°C ≤ TA ≤ 125°C, for the LM139/LM139A. With the LM239/LM239A, all temperature specifications
are limited to
−25°C ≤ TA ≤ 85°C, the LM339/LM339A temperature specifications are limited to 0°C ≤ TA ≤ 70°C, and the LM2901,
LM3302 temperature range is
−40°C ≤ TA ≤ 85°C.
(2)
At output switch point, VO≃1.4 VDC, RS = 0 Ω with V
+ from 5 V
DC to 30 VDC; and over the full input common-mode range (0 VDC to V
+
−1.5 VDC), at 25°C. For LM3302, V
+ from 5 V
DC to 28 VDC.
(3)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the reference or input lines.
(4)
The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end
of the common-mode voltage range is V+
−1.5V at 25°C, but either or both inputs can go to 30 VDC without damage (25V for LM3302),
independent of the magnitude of V+.
(5)
The response time specified is a 100-mV input step with 5-mV overdrive. For larger overdrive signals 300 ns can be obtained, see
typical performance characteristics section.
(6)
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode
range, the comparator will provide a proper output state. The low input voltage state must not be less than
−0.3 VDC (or 0.3 VDCbelow
the magnitude of the negative power supply, if used) (at 25°C).
6
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM139-N LM239-N LM2901-N LM3302-N LM339-N


Número de pieza similar - LM2901M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2901M NSC-LM2901M Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
logo
Fairchild Semiconductor
LM2901M FAIRCHILD-LM2901M Datasheet
86Kb / 8P
   Quad Comparator
logo
Texas Instruments
LM2901M TI1-LM2901M Datasheet
2Mb / 28P
[Old version datasheet]   Low-Power Low-Offset Voltage Quad Comparators
LM2901M/NOPB TI1-LM2901M/NOPB Datasheet
2Mb / 28P
[Old version datasheet]   Low-Power Low-Offset Voltage Quad Comparators
logo
National Semiconductor ...
LM2901MEP NSC-LM2901MEP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
More results

Descripción similar - LM2901M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com