Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM311DR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM311DR
Descripción Electrónicos  Quad Differential Comparators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM311DR Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM311DR Datasheet HTML 13Page - Texas Instruments LM311DR Datasheet HTML 14Page - Texas Instruments LM311DR Datasheet HTML 15Page - Texas Instruments LM311DR Datasheet HTML 16Page - Texas Instruments LM311DR Datasheet HTML 17Page - Texas Instruments LM311DR Datasheet HTML 18Page - Texas Instruments LM311DR Datasheet HTML 19Page - Texas Instruments LM311DR Datasheet HTML 20Page - Texas Instruments LM311DR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
15 F
µ
+
10 k
1 M
VCC+ = 15 V
TL081
Output
Input
VCC− = −15 V
2 k
+
1.5 F
µ
+
10 k
2 k
VCC+ = 15 V
TL081
Output
Input
1 M
VCC− = −15 V
+
5 k
0.01
µF
TTL
Output
1 k
1 k
1 k
100
From
TTL
Gate
50 k
Opto Isolator
5 V
VCC+ = 5 V
LM111, LM211, LM311
www.ti.com
SLCS007I – SEPTEMBER 1973 – REVISED JUNE 2015
System Examples (continued)
Figure 27. Digital Transmission Isolator
Figure 28. Positive-Peak Detector
Figure 29. Negative-Peak Detector
Copyright © 1973–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM111 LM211 LM311


Número de pieza similar - LM311DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM311DR TI-LM311DR Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM311DR TI-LM311DR Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM311DR TI1-LM311DR Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM311DR TI1-LM311DR Datasheet
2Mb / 38P
[Old version datasheet]   LMx11 Quad Differential Comparators
logo
Guangdong Youtai Semico...
LM311DR UMW-LM311DR Datasheet
1Mb / 7P
   High flexibility voltage comparator
More results

Descripción similar - LM311DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com