Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM311DRE4 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
LM311DRE4 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 38 page LM111, LM211, LM311 www.ti.com SLCS007I – SEPTEMBER 1973 – REVISED JUNE 2015 6.4 Thermal Information (8-Pin Packages) LMx11 PW THERMAL METRIC(1) D (SOIC) P (PDIP) PS (SOP) JG (CDIP) UNIT (TSSOP) 8 PINS 8 PINS 8 PINS 8 PINS 8 PINS RθJA Junction-to-ambient thermal resistance 97 85 95 149 — °C/W RθJC(top) Junction-to-case (top) thermal resistance — — — — 14.5 °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953. 6.5 Thermal Information (20-Pin Package) LMx11 THERMAL METRIC(1) FK (LCCC) UNIT 20 PINS RθJC(top) Junction-to-case (top) thermal resistance 5.61 °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953. 6.6 Electrical Characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted) LM111 LM211 LM311 PARAMETER TEST CONDITIONS TA (1) UNIT LM211Q MIN TYP(2) MAX MIN TYP(2) MAX 25°C 0.7 3 2 7.5 VIO Input offset voltage See(3) mV Full range 4 10 25°C 4 10 6 50 IIO Input offset current See(3) nA Full range 20 70 25°C 75 100 100 250 IIB Input bias current 1 V ≤ VO ≤ 14 V nA Full range 150 300 Low-level V(strobe) = 0.3 V, IIL(S) 25°C –3 –3 mA strobe current(4) VID ≤ –10 mV Common-mode Lower range –14.7 –14.5 –14.7 –14.5 VICR input-voltage Full range V Upper range 13 13.8 13 13.8 range(3) Large-signal AVD differential-voltage 5 V ≤ VO ≤ 35 V, RL = 1 kΩ 25°C 40 200 40 200 V/mV amplification 25°C 0.2 10 nA High-level I(strobe) = –3 mA, VOH = 35 V (collector) VID = 5 mV IOH Full range 0.5 μA output leakage current VID = 5 mV, VOH = 35 V 25°C 0.2 50 nA VID = –5 mV 25°C 0.75 1.5 IOL = 50 mA Low-level VID = –10 mV 25°C 0.75 1.5 (collector-to- VOL V emitter) VCC+ = 4.5 V, VID = –6 mV Full range 0.23 0.4 output voltage VCC– = 0 V, VID = –10 mV Full range 0.23 0.4 IOL = 8 mA Supply current from ICC+ VCC+ VID = –10 mV, No load 25°C 5.1 6 5.1 7.5 mA output low Supply current from ICC– VCC– VID = 10 mV, No load 25°C –4.1 –5 –4.1 –5 mA output high (1) Unless otherwise noted, all characteristics are measured with BALANCE and BAL/STRB open and EMIT OUT grounded. Full range for LM111 is –55°C to 125°C, for LM211 is –40°C to 85°C, for LM211Q is –40°C to 125°C, and for LM311 is 0°C to 70°C. (2) All typical values are at TA = 25°C. (3) The offset voltages and offset currents given are the maximum values required to drive the collector output up to 14 V or down to 1 V with a pullup resistor of 7.5 k Ω to VCC+. These parameters actually define an error band and take into account the worst-case effects of voltage gain and input impedance. (4) The strobe must not be shorted to ground; it must be current driven at –3 mA to –5 mA (see Figure 18 and Figure 31). Copyright © 1973–2015, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LM111 LM211 LM311 |
Número de pieza similar - LM311DRE4 |
|
Descripción similar - LM311DRE4 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |