Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM339PWG4 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
LM339PWG4 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 37 page LM139, LM239, LM339, LM139A LM239A, LM339A, LM2901, LM2901AV, LM2901V SLCS006T – OCTOBER 1979 – REVISED JUNE 2015 www.ti.com 7.6 Electrical Characteristics for LM139 and LM139A at specified free-air temperature, VCC = 5 V (unless otherwise noted) LM139 LM139A PARAMETER TEST CONDITIONS(1) TA (2) UNIT MIN TYP MAX MIN TYP MAX VCC = 5 V to 30 V, 25°C 2 5 1 2 VIO Input offset voltage VIC = VICR min, mV Full range 9 4 VO = 1.4 V 25°C 3 25 3 25 IIO Input offset current VO = 1.4 V nA Full range 100 100 25°C –25 –100 –25 –100 IIB Input bias current VO = 1.4 V nA Full range –300 –300 0 to 0 to 25°C VCC – 1.5 VCC – 1.5 Common-mode input- VICR V voltage range(3) 0 to 0 to Full range VCC – 2 VCC – 2 Large-signal differential- VCC+ = ±7.5 V, AVD 25°C 200 50 200 V/mV voltage amplification VO = –5 V to 5 V VOH = 5 V 25°C 0.1 0.1 nA IOH High-level output current VID = 1 V VOH = 30 V Full range 1 1 μA 25°C 150 400 150 400 VOL Low-level output voltage VID = –1 V, IOL = 4 mA mV Full range 700 700 IOL Low-level output current VID = –1 V, VOL = 1.5 V 25°C 6 16 6 16 mA Supply current ICC VO = 2.5 V, No load 25°C 0.8 2 0.8 2 mA (four comparators) (1) All characteristics are measured with zero common-mode input voltage, unless otherwise specified. (2) Full range (MIN to MAX) for LM139 and LM139A is –55°C to 125°C. All characteristics are measured with zero common-mode input voltage, unless otherwise specified. (3) The voltage at either input or common-mode must not be allowed to go negative by more than 0.3 V. The upper end of the common- mode voltage range is VCC+ – 1.5 V; however, one input can exceed VCC, and the comparator will provide a proper output state as long as the other input remains in the common-mode range. Either or both inputs can go to 30 V without damage. 7.7 Electrical Characteristics for LMx39 and LMx39A at specified free-air temperature, VCC = 5 V (unless otherwise noted) LM239 LM239A LM339 LM339A PARAMETER TEST CONDITIONS(1) TA (2) UNIT MIN TYP MAX MIN TYP MAX VCC = 5 V to 30 V, 25°C 2 5 1 3 VIO Input offset voltage VIC = VICR min, mV Full range 9 4 VO = 1.4 V 25°C 5 50 5 50 IIO Input offset current VO = 1.4 V nA Full range 150 150 25°C –25 –250 –25 –250 IIB Input bias current VO = 1.4 V nA Full range –400 –400 0 to 0 to 25°C VCC – 1.5 VCC – 1.5 Common-mode input- VICR V voltage range(3) 0 to 0 to Full range VCC – 2 VCC – 2 VCC = 15 V, Large-signal differential- AVD VO = 1.4 V to 11.4 V, 25°C 50 200 50 200 V/mV voltage amplification RL ≥ 15 kΩ to VCC (1) All characteristics are measured with zero common-mode input voltage, unless otherwise specified. (2) Full range (MIN to MAX) for LM239/LM239A is –25°C to 85°C, and for LM339/LM339A is 0°C to 70°C. All characteristics are measured with zero common-mode input voltage, unless otherwise specified. (3) The voltage at either input or common-mode must not be allowed to go negative by more than 0.3 V. The upper end of the common- mode voltage range is VCC+ – 1.5 V; however, one input can exceed VCC, and the comparator will provide a proper output state as long as the other input remains in the common-mode range. Either or both inputs can go to 30 V without damage. 6 Submit Documentation Feedback Copyright © 1979–2015, Texas Instruments Incorporated Product Folder Links: LM139 LM239 LM339 LM139A LM239A LM339A LM2901 LM2901AV LM2901V |
Número de pieza similar - LM339PWG4 |
|
Descripción similar - LM339PWG4 |