Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP6050SFG Datasheet(Hoja de datos) 3 Page - Diodes Incorporated

No. de Pieza. DMP6050SFG
Descripción  60V P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 3 page
background image
DMP6050SFG
Document number: DS37378 Rev. 1 - 2
3 of 6
www.diodes.com
October 2014
© Diodes Incorporated
DMP6050SFG
POWERDI is a registered trademark of Diodes Incorporated.
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
2.5
3
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristic
VGS=-2.8V
VGS=-3.0V
VGS=-3.5V
VGS=-4.0V
VGS=-4.5V
VGS=-5.0V
VGS=-10.0V
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2 Typical Transfer Characteristic
V
DS= -5.0V
TA=-55℃
TA=+25℃
TA=+85℃
TA=+125℃
TA=+150℃
TA=+175℃
0.000
0.010
0.020
0.030
0.040
0.050
0.060
0.070
0.080
0.090
0.100
0
5
10
15
20
25
30
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3 Typical On-Resistance vs. Drain Current
and Gate Voltage
VGS=-4.5V
VGS=-10V
0
0.05
0.1
0.15
0.2
0.25
0.3
0
2
4
6
8
10
12
14
16
18
20
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4 Typical Transfer Characteristic
ID=-7A
ID=-5A
0
0.02
0.04
0.06
0.08
0.1
0.12
0
5
10
15
20
25
30
I
D, DRAIN CURRENT (A)
Figure 5 Typical On-Resistance vs. Drain Current
and Temperature
V
GS=-4.5V
TA=-55℃
TA=+25℃
TA=+85℃
TA=+125℃
TA=+150℃
TA=+175℃
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-50 -25
0
25
50
75 100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 6 On-Resistance Variation with Temperature
VGS=-4.5V, ID=-5A
VGS=-10V, ID=-10A




Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl