Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP6110SVT-7 Datasheet(Hoja de datos) 3 Page - Diodes Incorporated

No. de Pieza. DMP6110SVT-7
Descripción  P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 3 page
background image
DMP6110SVT
Document number: DS37594 Rev. 2 - 2
3 of 7
www.diodes.com
April 2015
© Diodes Incorporated
DMP6110SVT
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
0
1
2
3
4
5
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS=-2.8V
V
GS=-3.5V
V
GS=-3.0V
V
GS=-4.0V
V
GS=-10V
V
GS=-4.5V
V
GS=-5.0V
0
2
4
6
8
10
12
14
16
18
20
1
1.5
2
2.5
3
3.5
4
4.5
5
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS=-5V
-55℃
25℃
85℃
125℃
150℃
0
0.05
0.1
0.15
0.2
0.25
0.3
0
4
8
12
16
20
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D=-4.5A
I
D=-3.5A
0.02
0.04
0.06
0.08
0.1
0.12
0.14
1
5
9
13
17
21
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current and
Gate Voltage
V
GS=-4.5V
V
GS=-10V
0.02
0.04
0.06
0.08
0.1
0.12
0.14
1
3
5
7
9
11
13
15
17
19
21
I
D, DRAIN CURRENT(A)
Figure 5. Typical On-Resistance vs. Drain Current and
Temperature
V
GS=-10V
-55℃
25℃
85℃
125℃
150℃
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Temperature
V
GS=-10V, ID=-4.5A
V
GS=-4.5V, ID=-3.5A




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl