Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMP6110SVT-13 Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza DMP6110SVT-13
Descripción Electrónicos  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6110SVT-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP6110SVT-13 Datasheet HTML 1Page - Diodes Incorporated DMP6110SVT-13 Datasheet HTML 2Page - Diodes Incorporated DMP6110SVT-13 Datasheet HTML 3Page - Diodes Incorporated DMP6110SVT-13 Datasheet HTML 4Page - Diodes Incorporated DMP6110SVT-13 Datasheet HTML 5Page - Diodes Incorporated DMP6110SVT-13 Datasheet HTML 6Page - Diodes Incorporated DMP6110SVT-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP6110SVT
Document number: DS37594 Rev. 2 - 2
2 of 7
www.diodes.com
April 2015
© Diodes Incorporated
DMP6110SVT
Maximum Ratings (@T
A = +25°
C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = -10V
TC = +25°C
TC = +70°C
ID
-7.3
-5.8
A
Maximum Body Diode Forward Current (Note 6)
IS
A
Pulsed Drain Current (380µs Pulse, 1% Duty Cycle)
IDM
-24
A
Avalanche Current (Note 7) L = 0.1mH
IAS
-19
A
Repetitive Avalanche Energy (Note 7) L = 0.1mH
EAS
18
mJ
Thermal Characteristics (@T
A = +25°
C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.2
W
TA = +70°C
0.75
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RJA
105
°C/W
t<10s
60
°C/W
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.8
W
TA = +70°C
1.1
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RJA
69
°C/W
t<10s
39
°C/W
Thermal Resistance, Junction to Case (Note 6)
RJC
15
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@T
A = +25°
C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
-60
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
-1
µA
VDS = -48V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = ±16V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
-1
-3
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
105
mΩ
VGS = -10V, ID = -4.5A
130
VGS = -4.5V, ID = -3.5A
Diode Forward Voltage
VSD
-0.7
-1.2
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
969
pF
VDS = -30V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
57
Reverse Transfer Capacitance
Crss
44
Gate Resistance
RG

13.7

VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = -4.5V)
Qg
8.2
nC
VDS = -30V, ID = -12A
Total Gate Charge (VGS = -10V)
Qg

17.2

Gate-Source Charge
Qgs
3.0
Gate-Drain Charge
Qgd
3.1
Turn-On Delay Time
tD(ON)
4.4
ns
VGS = -10V, VDS = -30V, RGEN = 3Ω,
ID = -12A
Turn-On Rise Time
tR
23
Turn-Off Delay Time
tD(OFF)
34
Turn-Off Fall Time
tF

42

Body Diode Reverse Recovery Time
tRR
13.2
ns
IS = -12A, dI/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR

6.18

nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.


Número de pieza similar - DMP6110SVT-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMP6110SVTQ DIODES-DMP6110SVTQ Datasheet
623Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6110SVTQ-13 DIODES-DMP6110SVTQ-13 Datasheet
623Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6110SVTQ-7 DIODES-DMP6110SVTQ-7 Datasheet
623Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Descripción similar - DMP6110SVT-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com