Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3306-20QDRG4Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3306-20QDRG4Q1
Descripción Electrónicos  Qualified for Automotive Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3306-20QDRG4Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS3306-20QDRG4Q1 Datasheet HTML 1Page - Texas Instruments TPS3306-20QDRG4Q1 Datasheet HTML 2Page - Texas Instruments TPS3306-20QDRG4Q1 Datasheet HTML 3Page - Texas Instruments TPS3306-20QDRG4Q1 Datasheet HTML 4Page - Texas Instruments TPS3306-20QDRG4Q1 Datasheet HTML 5Page - Texas Instruments TPS3306-20QDRG4Q1 Datasheet HTML 6Page - Texas Instruments TPS3306-20QDRG4Q1 Datasheet HTML 7Page - Texas Instruments TPS3306-20QDRG4Q1 Datasheet HTML 8Page - Texas Instruments TPS3306-20QDRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TPS330615Q1, TPS330618Q1, TPS330620Q1, TPS330625Q1, TPS330633Q1
DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
SGLS241B − MARCH 2004 − REVISED APRIL 2008
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing diagram
t
t
t
td
td
td
Reset Due to
Power Down
Reset Due to WDI
Reset Due to Power Drop Below VIT−
Reset Due to Power Up
tt(out)
SENSEn
V(nom)
VIT
1.1 V
WDI
1
0
RESET
1
0
Undefined
Behavior
Undefined
Behavior
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
GND
4
I
Ground
PFI
3
I
Power-fail comparator input
PFO
6
O
Power-fail comparator output, open drain
RESET
5
O
Active-low reset output, open drain
SENSE1
1
I
Sense voltage 1
SENSE2
2
I
Sense voltage 2
WDI
7
I
Watchdog timer input
VDD
8
I
Supply voltage
detailed description
watchdog
In a microprocessor- or DSP-based system, it is not only important to supervise the supply voltage, it is also important
to ensure correct program execution. The task of a watchdog is to ensure that the program is not stalled in an indefinite
loop. The microprocessor, microcontroller, or DSP has to typically toggle the watchdog input (WDI) within 0.8 s to
avoid a time-out occurring. Either a low-to-high or a high-to-low transition resets the internal watchdog timer. If the
input is unconnected or tied with a high-impedance driver, the watchdog is disabled and is retriggered internally.


Número de pieza similar - TPS3306-20QDRG4Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3306-20QDRG4Q1 TI1-TPS3306-20QDRG4Q1 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
More results

Descripción similar - TPS3306-20QDRG4Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC225XA-Q1 TI1-TLC225XA-Q1 Datasheet
646Kb / 35P
[Old version datasheet]   Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0507-4 PETERMANN-SMD0507-4_15 Datasheet
541Kb / 4P
   Qualified for automotive applications
SMD0503-2 PETERMANN-SMD0503-2_15 Datasheet
652Kb / 4P
   Qualified for automotive applications
SMD0503 PETERMANN-SMD0503_15 Datasheet
412Kb / 4P
   Qualified for automotive applications
SMD0603-4 PETERMANN-SMD0603-4_15 Datasheet
716Kb / 4P
   Qualified for automotive applications
logo
Texas Instruments
SN74LVC04A-Q1 TI1-SN74LVC04A-Q1_15 Datasheet
796Kb / 13P
[Old version datasheet]   Qualified for Automotive Applications
TUSB211 TI1-TUSB211 Datasheet
1Mb / 21P
[Old version datasheet]   Qualified for Automotive Applications
SN74AHC32Q-Q1 TI1-SN74AHC32Q-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Qualified for Automotive Applications
SN74LVC04AQPWRQ1 TI-SN74LVC04AQPWRQ1 Datasheet
760Kb / 12P
[Old version datasheet]   Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0507-2 PETERMANN-SMD0507-2_15 Datasheet
518Kb / 4P
   Qualified for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com