Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSS1050G-680N Datasheet(PDF) 1 Page - Frontier Electronics.

No. de pieza CSS1050G-680N
Descripción Electrónicos  SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FRONTIER [Frontier Electronics.]
Página de inicio  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS1050G-680N Datasheet(HTML) 1 Page - Frontier Electronics.

  CSS1050G-680N Datasheet HTML 1Page - Frontier Electronics. CSS1050G-680N Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSS1050G Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. B
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
(KHz)
DCR Max.
(mΩ)
Rated Current
(A)
I sat
(A)
CSS1050G-R80N
R80
0.80
100
4.3
9.50
13.5
CSS1050G-1R5N
1R5
1.50
100
5.8
8.30
10.5
CSS1050G-2R2N
2R2
2.20
100
7.2
7.50
9.25
CSS1050G-3R3N
3R3
3.30
100
10.4
6.50
7.80
CSS1050G-4R7N
4R7
4.70
100
12.3
6.10
6.40
CSS1050G-6R8N
6R8
6.80
100
18.0
5.40
5.40
CSS1050G-8R2N
8R2
8.20
100
20.0
5.00
4.85
CSS1050G-100N
100
10.0
100
26.0
4.50
4.45
CSS1050G-120N
120
12.0
100
33.0
3.80
4.00
CSS1050G-150N
150
15.0
100
41.0
3.40
3.60
CSS1050G-180N
180
18.0
100
46.0
3.10
3.20
CSS1050G-220N
220
22.0
100
61.0
2.90
2.95
CSS1050G-270N
270
27.0
100
69.0
2.60
2.70
CSS1050G-330N
330
33.0
100
84.0
2.50
2.40
CSS1050G-390N
390
39.0
100
106.0
2.25
2.30
CSS1050G-470N
470
47.0
100
130.0
2.00
2.00
CSS1050G-560N
560
56.0
100
149.0
1.90
1.90
CSS1050G-680N
680
68.0
100
201.0
1.60
1.65
CSS1050G-820N
820
82.0
100
227.0
1.45
1.50
CSS1050G-101N
101
100
100
253.0
1.35
1.35
CSS1050G-121N
121
120
100
303.0
1.18
1.28
CSS1050G-151N
151
150
100
370.0
1.10
1.12
CSS1050G-181N
181
180
100
419.0
1.00
1.04
CSS1050G-221N
221
220
100
500.0
0.94
0.94
CSS1050G-271N
271
270
100
672.0
0.80
0.84
CSS1050G-331N
331
330
100
812.0
0.73
0.75
CSS1050G-391N
391
390
100
953.0
0.70
0.70
CSS1050G-471N
471
470
100
1289
0.54
0.60
CSS1050G-561N
561
560
100
1430
0.52
0.54
CSS1050G-681N
681
680
100
1599
0.51
0.52
CSS1050G-821N
821
820
100
1768
0.48
0.50
CSS1050G-102N
102
1000
100
1989
0.42
0.48
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
i
k
CSS1050G
10.3
(0.406)
10.5
(0.413)
5.1
(0.201)
13.5
(0.531)
3.0
(0.118)
7.7
(0.303)
1.2
(0.047)
3.2
(0.126)
1.6
(0.063)
7.3
(0.287)
Tol.
Max.
Max.
Max.
Max.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSS1050G-xxx_, “CSS1050G” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: N = ±30%, M = ± 20%.
3. Operating temperature range: -30ºC to +100ºC (Including self-heating).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4284A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502 milliohm meter.
7. Inductance drop no more than 35% of initial value
at Isat, temperature rise ∆t < 40ºC at rated current.
8. Inductance and Current range: From 0.80µH (9.50A) to 1000.0 µH (0.42A).
9. MSL: Level 1
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Número de pieza similar - CSS1050G-680N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
CSS1050G-680N FRONTIER-CSS1050G-680N Datasheet
282Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results

Descripción similar - CSS1050G-680N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0214P FRONTIER-CSS0214P_15 Datasheet
178Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0218P FRONTIER-CSS0218P_15 Datasheet
173Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0628P FRONTIER-CSS0628P_15 Datasheet
190Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS105D FRONTIER-CSS105D_15 Datasheet
194Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0612D FRONTIER-CSMS0612D Datasheet
183Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS124P FRONTIER-CSS124P_15 Datasheet
236Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0412D FRONTIER-CSMS0412D Datasheet
169Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0628D FRONTIER-CSMS0628D Datasheet
188Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com