Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BD13716STU Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
BD13716STU Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 5 page © 2007 Fairchild Semiconductor Corporation www.fairchildsemi.com BD135 / 137 / 139 Rev. 1.2.0 2 Absolute Maximum Ratings Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera- ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi- tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Values are at TC = 25°C unless otherwise noted. Electrical Characteristics Values are at TC = 25°C unless otherwise noted. hFE Classification Symbol Parameter Value Units VCBO Collector-Base Voltage BD135 45 V BD137 60 BD139 80 VCEO Collector-Emitter Voltage BD135 45 V BD137 60 BD139 80 VEBO Emitter-Base Voltage 5 V IC Collector Current (DC) 1.5 A ICP Collector Current (Pulse) 3.0 A IB Base Current 0.5 A PC Device Dissipation TC = 25°C12.5 W TA = 25°C1.25 W TJ Junction Temperature 150 °C TSTG Storage Temperature - 55 to +150 °C Symbol Parameter Test Condition Min. Typ. Max. Units VCEO(sus) Collector-Emitter Sustaining Voltage BD135 IC = 30 mA, IB = 0 45 V BD137 60 BD139 80 ICBO Collector Cut-off Current VCB = 30 V, IE = 0 0.1 μA IEBO Emitter Cut-off Current VEB = 5 V, IC = 0 10 μA hFE1 DC Current Gain VCE = 2 V, IC = 5 mA 25 hFE2 VCE = 2 V, IC = 0.5 A 25 hFE3 VCE = 2 V, IC = 150 mA 40 250 VCE(sat) Collector-Emitter Saturation Voltage IC = 500 mA, IB = 50 mA 0.5 V VBE(on) Base-Emitter On Voltage VCE = 2 V, IC = 0.5 A 1 V Classification 6 10 16 hFE3 40 ~ 100 63 ~ 160 100 ~ 250 |
Número de pieza similar - BD13716STU |
|
Descripción similar - BD13716STU |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |