Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM185WG-1.2RLQV Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza LM185WG-1.2RLQV
Descripción Electrónicos  Micropower Voltage Reference Diode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM185WG-1.2RLQV Datasheet(HTML) 1 Page - Texas Instruments

  LM185WG-1.2RLQV Datasheet HTML 1Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 2Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 3Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 4Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 5Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 6Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 7Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 8Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM185-1.2QML
www.ti.com
SNVS384B – OCTOBER 2005 – REVISED JANUARY 2014
LM185-1.2QML Micropower Voltage Reference Diode
Check for Samples: LM185-1.2QML
1
FEATURES
DESCRIPTION
The LM185-1.2 is a micropower 2-terminal band-gap
2
Operating Current of 10
μA to 20mA
voltage regulator diodes. Operating over a 10
μA to
1
Ω Maximum Dynamic Impedance (Typical)
20mA current range, it features exceptionally low
Low Temperature Coefficient
dynamic impedance and good temperature stability.
On-chip trimming is used to provide tight voltage
Radiation Qualified Option
tolerance. Since the LM185-1.2 band-gap reference
100 krad
uses only transistors and resistors, low noise and
Low Dose Rate Tested at 10 mrad/s
good long term stability result.
Careful design of the LM185-1.2 has made the device
exceptionally tolerant of capacitive loading, making it
easy to use in almost any reference application. The
wide dynamic operating range allows its use with
widely varying supplies with excellent regulation.
The extremely low power drain of the LM185-1.2
makes it useful for micropower circuitry. This voltage
reference can be used to make portable meters,
regulators or general purpose analog circuitry with
battery life approaching shelf life.
Further, the wide operating current allows it to
replace older references with a tighter tolerance part.
Connection Diagrams
Figure 1. LCCC Package
Figure 2. TO Package – Bottom View
See Package Number NAJ0020A
See Package Number NDU0002A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LM185WG-1.2RLQV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM185WG-1.2RLQV TI1-LM185WG-1.2RLQV Datasheet
538Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
More results

Descripción similar - LM185WG-1.2RLQV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com