Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMF1.1261.11 Datasheet(PDF) 4 Page - Schurter Inc.

No. de pieza KMF1.1261.11
Descripción Electrónicos  IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KMF1.1261.11 Datasheet(HTML) 4 Page - Schurter Inc.

  KMF1.1261.11 Datasheet HTML 1Page - Schurter Inc. KMF1.1261.11 Datasheet HTML 2Page - Schurter Inc. KMF1.1261.11 Datasheet HTML 3Page - Schurter Inc. KMF1.1261.11 Datasheet HTML 4Page - Schurter Inc. KMF1.1261.11 Datasheet HTML 5Page - Schurter Inc. KMF1.1261.11 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Power Entry Modules with Line Filter
KMF
www.schurter.com/PG06
EMC Products
Attenuation Loss
- - - - 50
Ω differential mode _____ 50Ω common mode
Standard version
1 A
2 A
4 A
6 A
10 A
Medical version (M5)
1 A
2 A
4 A
6 A
10 A
All Variants
Rated Current [A]
Filter-Type
Fuseholder
Line Switch
Protection Class
Order Number
1
Standard Version
1-pole
2-pole
I
KMF1.1211.11
2
Standard Version
1-pole
2-pole
I
KMF1.1221.11
4
Standard Version
1-pole
2-pole
I
KMF1.1241.11
6
Standard Version
1-pole
2-pole
I
KMF1.1261.11
10
Standard Version
1-pole
2-pole
I
KMF1.1291.11
1
Standard Version
2-pole
2-pole
I
KMF1.1111.11
2
Standard Version
2-pole
2-pole
I
KMF1.1121.11
4
Standard Version
2-pole
2-pole
I
KMF1.1141.11
6
Standard Version
2-pole
2-pole
I
KMF1.1161.11
10
Standard Version
2-pole
2-pole
I
KMF1.1191.11
1
Medical Version (M5)
1-pole
2-pole
I
KMF1.1213.11
2
Medical Version (M5)
1-pole
2-pole
I
KMF1.1223.11
4
Medical Version (M5)
1-pole
2-pole
I
KMF1.1243.11
6
Medical Version (M5)
1-pole
2-pole
I
KMF1.1263.11
10
Medical Version (M5)
1-pole
2-pole
I
KMF1.1293.11


Número de pieza similar - KMF1.1261.11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
KMF1.1261.11 SCHURTER-KMF1.1261.11 Datasheet
634Kb / 6P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
KMF1.1261.11 SCHURTER-KMF1.1261.11 Datasheet
696Kb / 7P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
04.01.2022
More results

Descripción similar - KMF1.1261.11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
KMF SCHURTER-KMF_16 Datasheet
634Kb / 6P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
KMF SCHURTER-KMF_18 Datasheet
686Kb / 7P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
KMF SCHURTER-KMF_V01 Datasheet
696Kb / 7P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
04.01.2022
DD12 SCHURTER-DD12 Datasheet
752Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
DD12 SCHURTER-DD12_V01 Datasheet
882Kb / 9P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
04.01.2022
DD12 SCHURTER-DD12_18 Datasheet
835Kb / 8P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
DD11 SCHURTER-DD11_18 Datasheet
386Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
DD11 SCHURTER-DD11 Datasheet
586Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
KM00120511 SCHURTER-KM00120511 Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 1- or 2-pole
DD11 SCHURTER-DD11_V01 Datasheet
480Kb / 6P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
08.12.2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com