Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN501A Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FAN501A
Descripción Electrónicos  Offline DCM / CCM Flyback PWM Controller for Charger Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN501A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN501A Datasheet HTML 1Page - Fairchild Semiconductor FAN501A Datasheet HTML 2Page - Fairchild Semiconductor FAN501A Datasheet HTML 3Page - Fairchild Semiconductor FAN501A Datasheet HTML 4Page - Fairchild Semiconductor FAN501A Datasheet HTML 5Page - Fairchild Semiconductor FAN501A Datasheet HTML 6Page - Fairchild Semiconductor FAN501A Datasheet HTML 7Page - Fairchild Semiconductor FAN501A Datasheet HTML 8Page - Fairchild Semiconductor FAN501A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
© 2014 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN501A
• Rev. 1.0.0
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VHV
HV Pin Input Voltage
500
V
VVDD
DC Supply Voltage
30
V
VVS
VS Pin Input Voltage
-0.3
6.0
V
VCS
CS Pin Input Voltage
-0.3
6.0
V
VFB
FB Pin Input Voltage
-0.3
6.0
V
VCOMP
COMP Pin Input Voltage
-0.3
6.0
V
VSD
SD Pin Input Voltage
-0.3
6.0
V
PD
Power Dissipation (TA=25C)
850
mW
θJA
Thermal Resistance (Junction-to-Air)
150
C/W
θJC
Thermal Resistance (Junction-to-Case)
10
C/W
TJ
Operating Junction Temperature
-40
+150
C
TSTG
Storage Temperature Range
-40
+150
C
TL
Lead Temperature (Wave soldering or IR, 10 Seconds)
+260
C
ESD
Electrostatic
Discharge
Capability
(3)
Human Body Model, ANSI/ESDA/JEDEC JS-001-2012
(Except HV Pin)
5.0
kV
Charged Device Model, JEDEC:JESD22_C101
(Except HV Pin)
2.0
Notes:
1.
All voltage values, except differential voltages, are given with respect to the GND pin.
2.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
3.
ESD ratings including HV pin: HBM=3.5 kV, CDM=1.25 kV.


Número de pieza similar - FAN501A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5018BMTCX FAIRCHILD-FAN5018BMTCX Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019BMTCX FAIRCHILD-FAN5019BMTCX Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
More results

Descripción similar - FAN501A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
SG6901 FAIRCHILD-SG6901 Datasheet
721Kb / 19P
   CCM PFC/Flyback PWM Combination Controller
logo
NXP Semiconductors
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
logo
ON Semiconductor
NCP1252 ONSEMI-NCP1252_V01 Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
NCP1252CDR2G ONSEMI-NCP1252CDR2G Datasheet
240Kb / 18P
   Current Mode PWM Controller for Forward and Flyback Applications
July, 2011 ??Rev. 4
logo
NXP Semiconductors
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
logo
ON Semiconductor
NCP1252 ONSEMI-NCP1252_16 Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
logo
NXP Semiconductors
TEA1751T NXP-TEA1751T_V01 Datasheet
273Kb / 31P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-10 January 2013
TEA1755T PHILIPS-TEA1755T Datasheet
949Kb / 35P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1-25 October 2012
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com